Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6726A Datasheet(PDF) 30 Page - STMicroelectronics

Part # L6726A
Description  Single phase PWM controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6726A Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L6726A Datasheet HTML 26Page - STMicroelectronics L6726A Datasheet HTML 27Page - STMicroelectronics L6726A Datasheet HTML 28Page - STMicroelectronics L6726A Datasheet HTML 29Page - STMicroelectronics L6726A Datasheet HTML 30Page - STMicroelectronics L6726A Datasheet HTML 31Page - STMicroelectronics L6726A Datasheet HTML 32Page - STMicroelectronics L6726A Datasheet HTML 33Page - STMicroelectronics L6726A Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
5 A demonstration board
L6726A
30/35
Doc ID 12754 Rev 4
Table 7.
5 A demonstration board - bill of material
11.1
Board description
11.1.1
Power input (VIN)
This is the input voltage for the power conversion. The high-side MOSFET drain is
connected to this input. Supply must be compliant with VIN recommended operating
conditions and capacitors rating.
If VIN voltage is compliant also to VCC range listed in recommended operating conditions, it
can supply also the device through R16 resistor.
Qty
Reference
Description
Package
Capacitors
2C12, C51
10
μF, 25 V, X5R
Murata GRM31CR61E106KA12
SMD1206
1
C10
MLCC, 100nF, 25V, X7R
SMD0603
2
C14, C38
MLCC, 1
μF, 16 V, X7R
SMD0805
1C39
MLCC, 22
μF, 6.3 V, X5R
Murata GRM31CR60J226ME19
SMD1206
1C30
330
μF, 6.3 V, 40 m
Ω
Sanyo 6TPB330M
SMD7343
1
C23
MLCC, 6.8 nF, X7R
SMD0603
1
C24
MLCC, 220 nF, X7R
1
C35
MLCC, 2.2 nF, X7R
Resistors
1
R4
Resistor, 1R8, 1/8 W, 1%
SMD0805
4
R3, R5, R10, R16
Resistor, 0R, 1/16 W, 1%
SMD0603
3
R1, R2, R17
Resistor, 3R3, 1/16 W, 1%
1
R9
Resistor, 2K2, 1/16 W, 1%
SMD0603
1
R13
Resistor, 3K9, 1/16 W, 1%
1
R7
Resistor, 820R, 1/16 W, 1%
Inductor
1L1
Inductor, 2.20
μH,
Wurth 744324220LF
na
Active Components
1
D1
Diode, BAT54
SOT23
1
Q5
Mosfet, STS9D8NH3LL
SO8
1
U1
Controller, L6726A
SO8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com