Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6726A Datasheet(PDF) 31 Page - STMicroelectronics

Part # L6726A
Description  Single phase PWM controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6726A Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L6726A Datasheet HTML 27Page - STMicroelectronics L6726A Datasheet HTML 28Page - STMicroelectronics L6726A Datasheet HTML 29Page - STMicroelectronics L6726A Datasheet HTML 30Page - STMicroelectronics L6726A Datasheet HTML 31Page - STMicroelectronics L6726A Datasheet HTML 32Page - STMicroelectronics L6726A Datasheet HTML 33Page - STMicroelectronics L6726A Datasheet HTML 34Page - STMicroelectronics L6726A Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
L6726A
5 A demonstration board
Doc ID 12754 Rev 4
31/35
11.1.2
Power output (VOUT)
This is the output voltage of the power conversion. The output voltage is programmed to
1.25 V. It can be changed by replacing R13 (adjusting of compensation network may be
needed). Adding R18 allows to adjust OCP threshold.
11.1.3
IC additional supply (VCC)
The controller can be supplied separately from the power conversion through VCC input. In
this case, to separate VCC from VIN, R16 resistor must be removed.
11.1.4
Test points
The following test points are provided to allow easy probing of important signals:
–
COMP: output of the error amplifier;
–
FB: inverting input of the error amplifier;
–
PH: Phase pin of the device;
–
LG: Low-side gate pin of the device;
–
UG: High-side gate pin of the device.
11.1.5
Demonstration board efficiency
Figure 21.
5 A demonstration board efficiency
50
55
60
65
70
75
80
85
90
95
100
01
2
3
4
5
6
Output Current [A]
Vin = 12V, Vout = 1.25V
Vin = 5V, Vout = 1.25V
Vin = 12V, Vout = 2.5V
Vin = 5V, Vout = 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com