Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6728D Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6728D
Description  Single-phase PWM controller with Power Good
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6728D Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6728D Datasheet HTML 10Page - STMicroelectronics L6728D Datasheet HTML 11Page - STMicroelectronics L6728D Datasheet HTML 12Page - STMicroelectronics L6728D Datasheet HTML 13Page - STMicroelectronics L6728D Datasheet HTML 14Page - STMicroelectronics L6728D Datasheet HTML 15Page - STMicroelectronics L6728D Datasheet HTML 16Page - STMicroelectronics L6728D Datasheet HTML 17Page - STMicroelectronics L6728D Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
Overcurrent protection
L6728D
14/33
Doc ID 16498 Rev 1
8.1
Overcurrent threshold setting
The L6728D allows easy programming of a 1st level overcurrent threshold ranging from 50
mV to 550 mV, simply by adding a resistor (ROCSET) between LGATE and GND. The 2
nd
level threshold is automatically set accordingly.
During a short period of time (about 5 ms) following VCC rising over UVLO threshold, an
internal 10 µA current (IOCSET) is sourced from the LGATE pin, determining a voltage drop
across ROCSET. This voltage drop is sampled and internally held by the device as a 1
st level
overcurrent threshold. The OC setting procedure’s overall time period is about 5 ms.
Connecting an ROCSET resistor between LGATE and GND, the programmed 1
st level
threshold is:
the programmed 2nd level threshold is:
ROCSET values range from 5 kΩ to 55 kΩ.
In case ROCSET is not connected, the device sets the OCP thresholds to the maximum
values: an internal safety clamp on LGATE is triggered as soon as the LGATE voltage
reaches 600 mV, setting the maximum threshold and suddenly ending the OC setting phase.
I
OCth1
I
OCSET
R
OCSET
⋅
R
dsON
--------------------------------------------
=
I
OCth2
1.5
I
OCSET
R
OCSET
⋅
R
dsON
--------------------------------------------
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com