Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6728D Datasheet(PDF) 29 Page - STMicroelectronics

Part # L6728D
Description  Single-phase PWM controller with Power Good
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6728D Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L6728D Datasheet HTML 25Page - STMicroelectronics L6728D Datasheet HTML 26Page - STMicroelectronics L6728D Datasheet HTML 27Page - STMicroelectronics L6728D Datasheet HTML 28Page - STMicroelectronics L6728D Datasheet HTML 29Page - STMicroelectronics L6728D Datasheet HTML 30Page - STMicroelectronics L6728D Datasheet HTML 31Page - STMicroelectronics L6728D Datasheet HTML 32Page - STMicroelectronics L6728D Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
L6728D
5 A demonstration board
Doc ID 16498 Rev 1
29/33
13.1
Board description
13.1.1
Power input (Vin)
This is the input voltage for the power conversion. The high-side drain is connected to this
input. This voltage can range from 1.5 V to 12 V bus.
If the voltage is between 4.5 V and 12 V, it can also supply the device (through the Vcc pin),
and in this case the R16 (0
Ω) resistor must be present.
13.1.2
Output (Vout)
The output voltage is fixed at 1.25 V, but can be changed by replacing resistors R8 (sense
partition lower resistor) and R13 (feedback partition lower resistor). R18 allows the
adjustment of the OCP threshold.
13.1.3
Signal input (Vcc)
When using the input voltage Vin to supply the controller, no power is required at this input.
However, the controller can be supplied separately from the power stage through the Vcc
input (4.5-12 V) and, in this case, the R16 (0
Ω) resistor must be unsoldered.
13.1.4
Test points
Several test points are provided for easy access to all the important signals that characterize
the device:
–
COMP: The output of the error amplifier
–
FB: The inverting input of the error amplifier
–
PGOOD: Signaling regular functioning (active high)
–
VGDHS: The bootstrap diode anode
–
PHASE: Phase node
–
LGATE: Low-side gate pin of the device
–
HGATE: High-side gate pin of the device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com