Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6728D Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6728D
Description  Single-phase PWM controller with Power Good
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6728D Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6728D Datasheet HTML 12Page - STMicroelectronics L6728D Datasheet HTML 13Page - STMicroelectronics L6728D Datasheet HTML 14Page - STMicroelectronics L6728D Datasheet HTML 15Page - STMicroelectronics L6728D Datasheet HTML 16Page - STMicroelectronics L6728D Datasheet HTML 17Page - STMicroelectronics L6728D Datasheet HTML 18Page - STMicroelectronics L6728D Datasheet HTML 19Page - STMicroelectronics L6728D Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
Application details
L6728D
16/33
Doc ID 16498 Rev 1
10
Application details
10.1
Compensation network
The control loop shown in Figure 5 is a voltage mode control loop. The output voltage is
regulated to the internal reference (when present, the offset resistor between the FB node
and GND can be neglected in control loop calculation).
The error amplifier output is compared to the oscillator sawtooth waveform to provide the
PWM signal to the driver section. The PWM signal is then transferred to the switching node
with VIN amplitude. This waveform is filtered by the output filter.
The converter transfer function is the small signal transfer function between the output of the
EA and VOUT. This function has a double pole at frequency FLC depending on the L-COUT
resonance and a zero at FESR depending on the output capacitor ESR. The DC gain of the
modulator is simply the input voltage VIN divided by the peak-to-peak oscillator voltage
ΔV
OSC.
Figure 5.
PWM control loop
The compensation network closes the loop, joining the VOUT and EA output with transfer
function ideally equal to -Z
F/ZFB.
The compensation goal is to close the control loop while assuring high DC regulation
accuracy, good dynamic performance and stability. To achieve this, the overall loop needs
high DC gain, high bandwidth and good phase margin.
High DC gain is achieved by giving an integrator shape to the compensation network
transfer function. The loop bandwidth (F0dB) can be fixed by choosing the correct RF/RFB
ratio. However, for stability, it should not exceed FSW/2π. To achieve a good phase margin,
the control loop gain must cross the 0 dB axis with -20 dB/decade slope.
As an example, Figure 6 shows an asymptotic bode plot of a type III compensation.
L
R
C
OUT
ESR
R
F
C
F
C
P
R
FB
C
S
OSC
V
IN
ΔV
OSC
+
+
_
_
V
OUT
V
REF
ZF
Z
FB
PWM
COMPARATOR
ERROR
AMPLIFIER
R
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com