Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2136G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # M2136G-S08-R
Description  ULTRA WIDE BAND, HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M2136G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  M2136G-S08-R Datasheet HTML 1Page - Unisonic Technologies M2136G-S08-R Datasheet HTML 2Page - Unisonic Technologies M2136G-S08-R Datasheet HTML 3Page - Unisonic Technologies M2136G-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
M2136
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 4
Copyright © 2011 Unisonic Technologies Co., LTD
QW-R105-020,Ba
ULTRA WIDE BAND, HIGH SLEW
RATE SINGLE OPERATIONAL
AMPLIFIER
DESCRIPTION
The UTC M2136 is ultra fast single operational amplifiers with low
operating voltage (±1.35V) designed for applications requiring wide
bandwidth and high slew rate.
Because of low operating voltage and low operating current,it is also
apply to portable communication items.
The high speed of this operational amplifier make them useful in high
speed analog and digital signal processor, line driver and active filters,
HDTV, industrial measurement equipment and others.
FEATURES
*Input Offset Voltage Balance
*Operating Voltage: ±1.35V ~ ±6V
*Uitra Wide Band: 200MHz Typ.
*High Slew Rate: 45V/μs Typ.
*Low Operating Current: 0.63mA Typ.
SOP-8
TSSOP-8
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
M2136L-S08-R
M2136G-S08-R
SOP-8
Tape Reel
M2136L-S08-T
M2136G-S08-T
SOP-8
Tube
M2136L-P08-R
M2136G-P08-R
TSSOP-8
Tape Reel


Similar Part No. - M2136G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M2136G-S08-R UTC-M2136G-S08-R Datasheet
166Kb / 4P
HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER
More results

Similar Description - M2136G-S08-R

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2136 NJRC-NJM2136 Datasheet
168Kb / 3P
ULTRA WIDE BAND, HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER
NJM2138 NJRC-NJM2138 Datasheet
169Kb / 3P
ULTRA WIDE BAND, HIGH SLEW RATE QUAD OPERATIONAL AMPLIFIER?
logo
Unisonic Technologies
M2136 UTC-M2136 Datasheet
117Kb / 4P
ULTRA WIDE BAND,HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER
MC34074 UTC-MC34074 Datasheet
308Kb / 10P
HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIER
MC34072 UTC-MC34072_09 Datasheet
438Kb / 11P
HIGH SLEW RATE, WIDE BANDWIDTH , SINGLE SUPPLY OPERATIONAL AMPLIFIER
MC34074 UTC-MC34074_09 Datasheet
520Kb / 10P
HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIER
MC34074 UTC-MC34074_11 Datasheet
518Kb / 10P
HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIER
MC34072 UTC-MC34072_15 Datasheet
535Kb / 11P
HIGH SLEW RATE, WIDE BANDWIDTH , SINGLE SUPPLY OPERATIONAL AMPLIFIER
MC34072 UTC-MC34072_18 Datasheet
491Kb / 11P
HIGH SLEW RATE, WIDE BANDWIDTH , SINGLE SUPPLY OPERATIONAL AMPLIFIER
MC34074 UTC-MC34074_18 Datasheet
478Kb / 10P
HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com