Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430F2012IPW Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2012IPW
Description  MIXED SIGNAL MICROCONTROLLER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2012IPW Datasheet(HTML) 40 Page - Texas Instruments

Back Button MSP430F2012IPW Datasheet HTML 36Page - Texas Instruments MSP430F2012IPW Datasheet HTML 37Page - Texas Instruments MSP430F2012IPW Datasheet HTML 38Page - Texas Instruments MSP430F2012IPW Datasheet HTML 39Page - Texas Instruments MSP430F2012IPW Datasheet HTML 40Page - Texas Instruments MSP430F2012IPW Datasheet HTML 41Page - Texas Instruments MSP430F2012IPW Datasheet HTML 42Page - Texas Instruments MSP430F2012IPW Datasheet HTML 43Page - Texas Instruments MSP430F2012IPW Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 91 page
background image
MSP430F20x3
MSP430F20x2
MSP430F20x1
SLAS491G
– AUGUST 2005 – REVISED APRIL 2011
www.ti.com
10-Bit ADC, Built-In Voltage Reference (MSP430F20x2)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
IVREF+ ≤ 1 mA, REF2_5V = 0
2.2
Positive built-in
VCC,REF+
reference analog
IVREF+ ≤ 0.5 mA, REF2_5V = 1
2.8
V
supply voltage range
IVREF+ ≤ 1 mA, REF2_5V = 1
2.9
IVREF+ ≤ IVREF+max, REF2_5V = 0
2.2 V/3 V
1.41
1.5
1.59
Positive built-in
VREF+
V
reference voltage
IVREF+ ≤ IVREF+max, REF2_5V = 1
3 V
2.35
2.5
2.65
2.2 V
±0.5
Maximum VREF+ load
ILD,VREF+
mA
current
3 V
±1
IVREF+ = 500 µA ± 100 µA,
Analog input voltage VAx ≈ 0.75 V,
2.2 V/3 V
±2
REF2_5V = 0
VREF+ load regulation
LSB
IVREF+ = 500 µA ± 100 µA,
Analog input voltage VAx ≈ 1.25 V,
3 V
±2
REF2_5V = 1
IVREF+ = 100 µA to 900 µA,
ADC10SR = 0
400
VREF+ load regulation
VAx ≈ 0.5 x VREF+,
3 V
ns
response time
Error of conversion result
ADC10SR = 1
2000
≤1 LSB
Maximum capacitance
IVREF+ ≤ ±1 mA,
CVREF+
2.2 V/3 V
100
pF
at pin VREF+
(1)
REFON = 1, REFOUT = 1
Temperature
IVREF+ = constant with
TCREF+
2.2 V/3 V
±100
ppm/
°C
coefficient
0 mA
≤ IVREF+ ≤ 1 mA
Settling time of internal
IVREF+ = 0.5 mA, REF2_5V = 0,
tREFON
3.6 V
30
µs
reference voltage(2)
REFON = 0 to 1
IVREF+ = 0.5 mA,
ADC10SR = 0
1
REF2_5V = 0,
2.2 V
REFON = 1,
ADC10SR = 1
2.5
REFBURST = 1
Settling time of
tREFBURST
µs
reference buffer(2)
IVREF+ = 0.5 mA,
ADC10SR = 0
2
REF2_5V = 1,
3 V
REFON = 1,
ADC10SR = 1
4.5
REFBURST = 1
(1)
The capacitance applied to the internal buffer operational amplifier, if switched to terminal P1.4/SMCLK/A4/VREF+/VeREF+/TCK
(REFOUT = 1), must be limited; otherwise, the reference buffer may become unstable.
(2)
The condition is that the error in a conversion started after tREFON or tRefBuf is less than ±0.5 LSB.
40
Copyright
© 2005–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com