Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430F2012IPW Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2012IPW
Description  MIXED SIGNAL MICROCONTROLLER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2012IPW Datasheet(HTML) 43 Page - Texas Instruments

Back Button MSP430F2012IPW Datasheet HTML 39Page - Texas Instruments MSP430F2012IPW Datasheet HTML 40Page - Texas Instruments MSP430F2012IPW Datasheet HTML 41Page - Texas Instruments MSP430F2012IPW Datasheet HTML 42Page - Texas Instruments MSP430F2012IPW Datasheet HTML 43Page - Texas Instruments MSP430F2012IPW Datasheet HTML 44Page - Texas Instruments MSP430F2012IPW Datasheet HTML 45Page - Texas Instruments MSP430F2012IPW Datasheet HTML 46Page - Texas Instruments MSP430F2012IPW Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 91 page
background image
MSP430F20x3
MSP430F20x2
MSP430F20x1
www.ti.com
SLAS491G
– AUGUST 2005 – REVISED APRIL 2011
SD16_A, Power Supply and Recommended Operating Conditions (MSP430F20x3)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
VCC
MIN
TYP
MAX
UNIT
Analog supply voltage
AVCC = DVCC = VCC,
AVCC
2.5
3.6
V
range
AVSS = DVSS = VSS = 0 V
-40
°C to 85°C
730
1050
GAIN: 1,2
105
°C
1170
SD16LP = 0,
-40
°C to 85°C
810
1150
fSD16 = 1 MHz,
GAIN: 4,8,16
105
°C
1300
SD16OSR = 256
Analog supply current
-40
°C to 85°C
1160
1700
ISD16
including internal
GAIN: 32
3 V
µA
105
°C
1850
reference
-40
°C to 85°C
720
1030
GAIN: 1
SD16LP = 1,
105
°C
1160
fSD16 = 0.5 MHz,
-40
°C to 85°C
810
1150
SD16OSR = 256
GAIN: 32
105
°C
1300
SD16LP = 0
0.03
1
1.1
(Low power mode disabled)
SD16 input clock
fSD16
3 V
MHz
frequency
SD16LP = 1
0.03
0.5
(Low power mode enabled)
SD16_A, Input Range (MSP430F20x3)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
-(VREF/2)/
+(VREF/2)/
Bipolar mode, SD16UNI = 0
GAIN
GAIN
Differential full scale input voltage
VID,FSR
mV
range(1)
+(VREF/2)/
Unipolar mode, SD16UNI = 1
0
GAIN
SD16GAINx = 1
±500
SD16GAINx = 2
±250
SD16GAINx = 4
±125
Differential input voltage range for
VID
SD16REFON = 1
mV
specified performance(1)
SD16GAINx = 8
±62
SD16GAINx = 16
±31
SD16GAINx = 32
±15
SD16GAINx = 1
200
Input impedance
ZI
fSD16 = 1 MHz
3 V
k
Ω
(one input pin to AVSS)
SD16GAINx = 32
75
SD16GAINx = 1
300
400
Differential input impedance
ZID
fSD16 = 1 MHz
3 V
k
Ω
(IN+ to IN-)
SD16GAINx = 32
100
150
VI
Absolute input voltage range
AVSS - 0.1
AVCC
V
Common-mode input voltage
VIC
AVSS - 0.1
AVCC
V
range
(1)
The analog input range depends on the reference voltage applied to VREF. If VREF is sourced externally, the full-scale range is defined
by VFSR+ = +(VREF/2)/GAIN and VFSR- = -(VREF/2)/GAIN. The analog input range should not exceed 80% of VFSR+ or VFSR-.
Copyright
© 2005–2011, Texas Instruments Incorporated
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com