Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430F2012IPW Datasheet(PDF) 58 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2012IPW
Description  MIXED SIGNAL MICROCONTROLLER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2012IPW Datasheet(HTML) 58 Page - Texas Instruments

Back Button MSP430F2012IPW Datasheet HTML 54Page - Texas Instruments MSP430F2012IPW Datasheet HTML 55Page - Texas Instruments MSP430F2012IPW Datasheet HTML 56Page - Texas Instruments MSP430F2012IPW Datasheet HTML 57Page - Texas Instruments MSP430F2012IPW Datasheet HTML 58Page - Texas Instruments MSP430F2012IPW Datasheet HTML 59Page - Texas Instruments MSP430F2012IPW Datasheet HTML 60Page - Texas Instruments MSP430F2012IPW Datasheet HTML 61Page - Texas Instruments MSP430F2012IPW Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 91 page
background image
Bus
Keeper
EN
Direction
0: Input
1: Output
P1SEL.3
1
0
P1DIR.3
P1IN.3
P1IRQ.3
D
EN
Module X IN
1
0
Module X OUT
P1OUT.3
Interrupt
Edge
Select
Q
EN
Set
P1SEL.3
P1IES.3
P1IFG.3
P1IE.3
P1.3/ADC10CLK/
A3/VREF−/VeREF−
1
0
DVSS
DVCC
P1REN.3
ADC10AE.3
1
To ADC 10 V
Pad Logic
INCHx = 3
A3
R−
1
0
SREF2
VSS
MSP430F20x3
MSP430F20x2
MSP430F20x1
SLAS491G
– AUGUST 2005 – REVISED APRIL 2011
www.ti.com
Port P1 (P1.3) Pin Schematics, MSP430F20x2
Table 24. Port P1 (P1.3) Pin Functions, MSP430F20x2
CONTROL BITS / SIGNALS(1)(2)
PIN NAME (P1.x)
x
FUNCTION
P1DIR.x
P1SEL.x
ADC10AE.x
INCHx
P1.3(3) input/output
0/1
0
0
N/A
N/A
0
1
0
N/A
P1.3/ADC10CLK/A3/
3
ADC10CLK
1
1
0
N/A
VREF-/VeREF-
A3(4)
X
X
1
3
VREF-/VeREF-(4)(5)
X
X
1
N/A
(1)
X = Don
't care
(2)
N/A = Not available or not applicable
(3)
Default after reset (PUC/POR)
(4)
Setting the ADC10AE.x bit disables the output driver as well as the input Schmitt trigger to prevent parasitic cross currents when
applying analog signals.
(5)
An applied voltage is used as negative reference if bit SREF3 in register ADC10CTL0 is set.
58
Copyright
© 2005–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com