Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430F2012IPWR Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2012IPWR
Description  MIXED SIGNAL MICROCONTROLLER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2012IPWR Datasheet(HTML) 41 Page - Texas Instruments

Back Button MSP430F2012IPWR Datasheet HTML 37Page - Texas Instruments MSP430F2012IPWR Datasheet HTML 38Page - Texas Instruments MSP430F2012IPWR Datasheet HTML 39Page - Texas Instruments MSP430F2012IPWR Datasheet HTML 40Page - Texas Instruments MSP430F2012IPWR Datasheet HTML 41Page - Texas Instruments MSP430F2012IPWR Datasheet HTML 42Page - Texas Instruments MSP430F2012IPWR Datasheet HTML 43Page - Texas Instruments MSP430F2012IPWR Datasheet HTML 44Page - Texas Instruments MSP430F2012IPWR Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 91 page
background image
MSP430F20x3
MSP430F20x2
MSP430F20x1
www.ti.com
SLAS491G
– AUGUST 2005 – REVISED APRIL 2011
10-Bit ADC, External Reference (MSP430F20x2)
(1)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
MAX
UNIT
VeREF+ > VeREF-,
1.4
VCC
SREF1 = 1, SREF0 = 0
Positive external reference input
VeREF+
V
voltage range(2)
VeREF- ≤ VeREF+ ≤ VCC - 0.15 V,
1.4
3
SREF1 = 1, SREF0 = 1(3)
Negative external reference input
VeREF-
VeREF+ > VeREF-
0
1.2
V
voltage range(4)
Differential external reference
ΔVeREF
input voltage range
VeREF+ > VeREF-
(5)
1.4
VCC
V
ΔVeREF = VeREF+ - VeREF-
0 V
≤ VeREF+ ≤ VCC,
±1
SREF1 = 1, SREF0 = 0
IVeREF+
Static input current into VeREF+
2.2 V/3 V
µA
0 V
≤ VeREF+ ≤ VCC - 0.15 V ≤ 3 V,
0
SREF1 = 1, SREF0 = 1(3)
IVeREF-
Static input current into VeREF-
0 V
≤ VeREF- ≤ VCC
2.2 V/3 V
±1
µA
(1)
The external reference is used during conversion to charge and discharge the capacitance array. The input capacitance, CI, is also the
dynamic load for an external reference during conversion. The dynamic impedance of the reference supply should follow the
recommendations on analog-source impedance to allow the charge to settle for 10-bit accuracy.
(2)
The accuracy limits the minimum positive external reference voltage. Lower reference voltage levels may be applied with reduced
accuracy requirements.
(3)
Under this condition, the external reference is internally buffered. The reference buffer is active and requires the reference buffer supply
current IREFB. The current consumption can be limited to the sample and conversion period with REBURST = 1.
(4)
The accuracy limits the maximum negative external reference voltage. Higher reference voltage levels may be applied with reduced
accuracy requirements.
(5)
The accuracy limits the minimum external differential reference voltage. Lower differential reference voltage levels may be applied with
reduced accuracy requirements.
10-Bit ADC, Timing Parameters (MSP430F20x2)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
ADC10SR = 0
0.45
6.3
ADC10 input clock
For specified performance of
fADC10CLK
2.2 V/3 V
MHz
frequency
ADC10 linearity parameters
ADC10SR = 1
0.45
1.5
ADC10 built-in
ADC10DIVx = 0, ADC10SSELx = 0,
fADC10OSC
2.2 V/3 V
3.7
6.3
MHz
oscillator frequency
fADC10CLK = fADC10OSC
ADC10 built-in oscillator, ADC10SSELx = 0,
2.2 V/3 V
2.06
3.51
fADC10CLK = fADC10OSC
tCONVERT
Conversion time
µs
13
×
fADC10CLK from ACLK, MCLK or SMCLK,
ADC10DIVx
×
ADC10SSELx
≠ 0
1/fADC10CLK
Turn on settling time
tADC10ON
100
ns
of the ADC(1)
(1)
The condition is that the error in a conversion started after tADC10ON is less than ±0.5 LSB. The reference and input signal are already
settled.
Copyright
© 2005–2011, Texas Instruments Incorporated
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com