Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430F2012IPWR Datasheet(PDF) 78 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2012IPWR
Description  MIXED SIGNAL MICROCONTROLLER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2012IPWR Datasheet(HTML) 78 Page - Texas Instruments

Back Button MSP430F2012IPWR Datasheet HTML 74Page - Texas Instruments MSP430F2012IPWR Datasheet HTML 75Page - Texas Instruments MSP430F2012IPWR Datasheet HTML 76Page - Texas Instruments MSP430F2012IPWR Datasheet HTML 77Page - Texas Instruments MSP430F2012IPWR Datasheet HTML 78Page - Texas Instruments MSP430F2012IPWR Datasheet HTML 79Page - Texas Instruments MSP430F2012IPWR Datasheet HTML 80Page - Texas Instruments MSP430F2012IPWR Datasheet HTML 81Page - Texas Instruments MSP430F2012IPWR Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 91 page
background image
MSP430F20x3
MSP430F20x2
MSP430F20x1
SLAS491G
– AUGUST 2005 – REVISED APRIL 2011
www.ti.com
REVISION HISTORY
LITERATURE
SUMMARY
NUMBER
SLAS491
Preliminary PRODUCT PREVIEW data sheet release
SLAS491A
Production data sheet release for MSP430F20x3I.
Updated specification and added characterization graphs.
SLAS491B
Production data sheet release for MSP430F20x3T, MSP430F20x1I and MSP430F20x1T.
105
°C characterization results added.
SD16_A SINAD characterization results for MSP430F20x3
RSA package added.
Updated SD16_A Power Supply Rejection specification.
DCO Calibration Register names: lower case
"z" changed to upper case "Z".
Vhys(B_IT-) MAX specification increased from 180 mV to 210 mV.
MIN and MAX percentages for
"calibrated DCO frequencies - tolerance over supply voltage VCC" corrected from 2.5% to
3.0% to match the specified frequency ranges.
SLAS491C
Production data sheet release for MSP430F20x2I and MSP430F20x2T.
SLAS491D
Changed fACLK to 0 Hz in ILPM4 test conditions on page 23.
SLAS491E
Changed Tstg maximum for programmed devices to 150°C (page 20)
SLAS491F
Added ADC10 data transfer registers to Peripheral File Map (page 18, 19)
SLAS491G
Changed Test Conditions for
"Duty cycle, LF mode" in Crystal Oscillator, XT1, Low-Frequency Mode
Changed note (1) on 10-Bit ADC, Built-In Voltage Reference.
Changed USIP.x Control Bits in Table 25 and Table 29
78
Copyright
© 2005–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com