Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430F2012IPWR Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2012IPWR
Description  MIXED SIGNAL MICROCONTROLLER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2012IPWR Datasheet(HTML) 44 Page - Texas Instruments

Back Button MSP430F2012IPWR Datasheet HTML 40Page - Texas Instruments MSP430F2012IPWR Datasheet HTML 41Page - Texas Instruments MSP430F2012IPWR Datasheet HTML 42Page - Texas Instruments MSP430F2012IPWR Datasheet HTML 43Page - Texas Instruments MSP430F2012IPWR Datasheet HTML 44Page - Texas Instruments MSP430F2012IPWR Datasheet HTML 45Page - Texas Instruments MSP430F2012IPWR Datasheet HTML 46Page - Texas Instruments MSP430F2012IPWR Datasheet HTML 47Page - Texas Instruments MSP430F2012IPWR Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 91 page
background image
MSP430F20x3
MSP430F20x2
MSP430F20x1
SLAS491G
– AUGUST 2005 – REVISED APRIL 2011
www.ti.com
SD16_A, SINAD Performance (fSD16 = 1 MHz, SD16OSRx = 1024, SD16REFON = 1)
(MSP430F20x3)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PW, N
RSA
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MIN
TYP
SD16GAINx = 1,
Signal amplitude: VIN = 500 mV,
84
85
86
87
Signal frequency: fIN = 100 Hz
SD16GAINx = 2,
Signal amplitude: VIN = 250 mV,
82
83
82
83
Signal frequency: fIN = 100 Hz
SD16GAINx = 4,
Signal amplitude: VIN = 125 mV,
78
79
78
79
Signal frequency: fIN = 100 Hz
Signal-to-noise + distortion ratio
SINAD1024
3 V
dB
(OSR = 1024)
SD16GAINx = 8,
Signal amplitude: VIN = 62 mV,
73
74
73
74
Signal frequency: fIN = 100 Hz
SD16GAINx = 16,
Signal amplitude: VIN = 31 mV,
68
69
68
69
Signal frequency: fIN = 100 Hz
SD16GAINx = 32,
Signal amplitude: VIN = 15 mV,
62
63
62
63
Signal frequency: fIN = 100 Hz
SD16_A, SINAD Performance (fSD16 = 1 MHz, SD16OSRx = 256, SD16REFON = 1) (MSP430F20x3)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PW, N
RSA
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MIN
TYP
SD16GAINx = 1,
Signal amplitude: VIN = 500 mV,
80
81
82
83
Signal frequency: fIN = 100 Hz
SD16GAINx = 2,
Signal amplitude: VIN = 250 mV,
74
75
76
77
Signal frequency: fIN = 100 Hz
SD16GAINx = 4,
Signal amplitude: VIN = 125 mV,
69
70
71
72
Signal frequency: fIN = 100 Hz
Signal-to-noise + distortion ratio
SINAD256
3 V
dB
(OSR = 256)
SD16GAINx = 8,
Signal amplitude: VIN = 62 mV,
63
64
67
68
Signal frequency: fIN = 100 Hz
SD16GAINx = 16,
Signal amplitude: VIN = 31 mV,
58
59
63
64
Signal frequency: fIN = 100 Hz
SD16GAINx = 32,
Signal amplitude: VIN = 15 mV,
52
53
57
58
Signal frequency: fIN = 100 Hz
44
Copyright
© 2005–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com