Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1109CSTR Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC1109CSTR
Description  SYNCHRONOUS PWM CONTROLLER WITH DUAL LOW DROPOUT REGULATOR CONTROLLERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1109CSTR Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC1109CSTR Datasheet HTML 6Page - Semtech Corporation SC1109CSTR Datasheet HTML 7Page - Semtech Corporation SC1109CSTR Datasheet HTML 8Page - Semtech Corporation SC1109CSTR Datasheet HTML 9Page - Semtech Corporation SC1109CSTR Datasheet HTML 10Page - Semtech Corporation SC1109CSTR Datasheet HTML 11Page - Semtech Corporation SC1109CSTR Datasheet HTML 12Page - Semtech Corporation SC1109CSTR Datasheet HTML 13Page - Semtech Corporation SC1109CSTR Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
SYNCHRONOUS PWM CONTROLLER WITH
DUAL LOW DROPOUT REGULATOR
CONTROLLERS
© 2000 SEMTECH CORP.
PRELIMINARY - October 16, 2000
SC1109
10
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
THEORY OF OPERATION
The SC1109 has integrated a synchronous buck
controller and two Low drop out regulator controllers
into a 16 Pin SOIC package. The switching regulator
provides a 1.2V (VTT) bus termination voltage for use
in AGTL (Assisted Gunning Transceiver Logic), while
the dual LDO regulators provide 1.8V, and 2.5V to
power up the Chipset and the Clock circuitry used in
Pentium
® III Motherboards.
SUPPLIES
Two supplies, VSTBY, and VCC are used to power
the SC1109. VSTBY supply provides the bias for the
Internal Reference, Oscillator, and the LDO FET
controllers. The VCC supply provides the bias for the
Power Good circuitry, and the high side FET Rdson
sensing/over current circuitry, VCC also is used to
drive the low side Mosfet gate. An external 12V
supply or a classical boot strapping technique can
provide the gate drive for the upper Mosfet.
PWM CONTROLLER
SC1109 is a voltage mode buck controller that utilizes
an internally compensated high bandwidth error am-
plifier to sense the VTT output voltage. External
compensation components are not needed and
a
stable closed loop responce is insured due to the
internal compensation.
START UP SEQUENCE
Initially during the power up, the SC1109 is in under
voltage lock out condition. The latch (SET dominant)
in the hiccup section is set , and the SS/EN pin is
pulled low by the 2uA soft start current source.
Mean while the high side and low side gate drivers
DH, and DL are kept low. Once the VCC exceeds the
UVLO threshold of 4.2V, the latch is reset and the
external soft start capacitor starts to be charged by a
10uA current source.
The gate drives are still kept off until the soft start
capacitors voltage rises above 600mV, when the low
side gate is turned on , and the high side gate is kept
off.
The gate drive status stays the same until the capaci-
tors voltage reaches 1V, when the error amplifier
output starts to cross the oscillator triangular ramp of
1V to 2V.
As the SS/EN pin continues to rise, the error amplifier
output also rises at the same rate and the duty cycle
increases.
Once the VTT output has reached regulation and is
within 1.2V
± 12% , an open collector power good flag
is activated, and the error amplifier output will no
longer be clamped to the SS/EN voltage and will stay
between 1V to 2V and maintain regulation of
± 1%.
The SS/EN voltage continues to rise up to 2.5V and
will stay at that voltage level during normal operation.
If an over current condition occurs, the SS/EN pin will
discharge by a 2uA current source, from 2.5V to
800mV. During this time both DH, and DL will be
turned off. Once the SS/EN reaches 800mV, the low
side gate will be turned on, and the SS/EN pin will
again start to be charged by the 10uA current source,
and the same soft start sequence mentioned above
will be repeated.
Vcc
PowerGood
Softstart
PhaseNode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com