Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1109CSTR Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC1109CSTR
Description  SYNCHRONOUS PWM CONTROLLER WITH DUAL LOW DROPOUT REGULATOR CONTROLLERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1109CSTR Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC1109CSTR Datasheet HTML 9Page - Semtech Corporation SC1109CSTR Datasheet HTML 10Page - Semtech Corporation SC1109CSTR Datasheet HTML 11Page - Semtech Corporation SC1109CSTR Datasheet HTML 12Page - Semtech Corporation SC1109CSTR Datasheet HTML 13Page - Semtech Corporation SC1109CSTR Datasheet HTML 14Page - Semtech Corporation SC1109CSTR Datasheet HTML 15Page - Semtech Corporation SC1109CSTR Datasheet HTML 16Page - Semtech Corporation SC1109CSTR Datasheet HTML 17Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
SYNCHRONOUS PWM CONTROLLER WITH
DUAL LOW DROPOUT REGULATOR
CONTROLLERS
© 2000 SEMTECH CORP.
PRELIMINARY - October 16, 2000
SC1109
13
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
LAYOUT GUIDELINES
Careful attention to layout requirements are necessary
for successful implementation of the SC1109 PWM
controller. High currents switching at 200kHz are pre-
sent in the application and their effect on ground plane
voltage differentials must be understood and mini-
mized.
1). The high power parts of the circuit should be laid out
first. A ground plane should be used, the number and
position of ground plane interruptions should be such
as to not unnecessarily compromise ground plane in-
tegrity. Isolated or semi-isolated areas of the ground
plane may be deliberately introduced to constrain
ground currents to particular areas, for example the in-
put capacitor and bottom FET ground.
2). The loop formed by the Input Capacitor(s) (Cin), the
Top FET (Q1) and the Bottom FET (Q2) must be kept
as small as possible. This loop contains all the high cur-
rent, fast transition switching. Connections should be as
wide and as short as possible to minimize loop induc-
tance. Minimizing this loop area will a) reduce EMI, b)
lower ground injection currents, resulting in electrically
“cleaner” grounds for the rest of the system and c) mini-
mize source ringing, resulting in more reliable gate
switching signals.
3). The connection between the junction of Q1, Q2 and
the output inductor should be a wide trace or copper
region. It should be as short as practical. Since this
connection has fast voltage transitions, keeping this
connection short will minimize EMI. Also keep the
Phase connection to the IC short, top FET gate charge
currents flow in this trace.
4) The Output Capacitor(s) (Cout) should be located as
close to the load as possible, fast transient load cur-
Layout diagram for the SC1109
+
2.5V
+
1.8V
3.3V IN
+
C10
330uF
VTT
5V IN
U4
SC1109CS
PWRGD
BCAP-
STBY
PHASE
GND
DH
BST
VOSENSE
SS/EN
BCAP+
VCC
DL
GATE2
GATE1
LDOS1
LDOS2
+
5V STBY
+
12V IN
high current paths.
Heavy Lines indicate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com