Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1109CSTR Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC1109CSTR
Description  SYNCHRONOUS PWM CONTROLLER WITH DUAL LOW DROPOUT REGULATOR CONTROLLERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1109CSTR Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC1109CSTR Datasheet HTML 9Page - Semtech Corporation SC1109CSTR Datasheet HTML 10Page - Semtech Corporation SC1109CSTR Datasheet HTML 11Page - Semtech Corporation SC1109CSTR Datasheet HTML 12Page - Semtech Corporation SC1109CSTR Datasheet HTML 13Page - Semtech Corporation SC1109CSTR Datasheet HTML 14Page - Semtech Corporation SC1109CSTR Datasheet HTML 15Page - Semtech Corporation SC1109CSTR Datasheet HTML 16Page - Semtech Corporation SC1109CSTR Datasheet HTML 17Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
SYNCHRONOUS PWM CONTROLLER WITH
DUAL LOW DROPOUT REGULATOR
CONTROLLERS
© 2000 SEMTECH CORP.
PRELIMINARY - October 16, 2000
SC1109
14
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
Vout
5V
+
+
rents are supplied by Cout only, and connections be-
tween Cout and the load must be short, wide copper
areas to minimize inductance and resistance.
5) The SC1109 is best placed over a quiet ground
plane area, avoid pulse currents in the Cin, Q1, Q2
loop flowing in this area. GND should be returned to
the ground plane close to the package and close to
the ground side of (one of) the output capacitor(s). If
this is not possible, the GND pin may be connected to
the ground path between the Output Capacitor(s) and
the Cin, Q1, Q2 loop. Under no circumstances should
GND be returned to a ground inside the Cin, Q1, Q2
loop.
6) BST for the SC1109 should be supplied from the
12V supply, the BST pin should be decoupled directly
to GND by a 0.1
µF ceramic capacitor, trace lengths
should be as short as possible. If a 12V supply is not
available, a classical boot strap method could be im-
plemented to achieve the upper Mosfet’s gate drive.
7) The Phase connection should be short .
8) Ideally, the grounds for the two LDO sections
should be returned to the ground side of (one of) the
output capacitor(s).
Currents in various parts of the power section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com