Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP103CYFFT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMP103CYFFT
Description  Low-Power, Digital Temperature Sensor with Two-Wire Interface in WCSP
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP103CYFFT Datasheet(HTML) 5 Page - Texas Instruments

  TMP103CYFFT Datasheet HTML 1Page - Texas Instruments TMP103CYFFT Datasheet HTML 2Page - Texas Instruments TMP103CYFFT Datasheet HTML 3Page - Texas Instruments TMP103CYFFT Datasheet HTML 4Page - Texas Instruments TMP103CYFFT Datasheet HTML 5Page - Texas Instruments TMP103CYFFT Datasheet HTML 6Page - Texas Instruments TMP103CYFFT Datasheet HTML 7Page - Texas Instruments TMP103CYFFT Datasheet HTML 8Page - Texas Instruments TMP103CYFFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
10
9
8
7
6
5
4
3
2
1
0
Temperature( C)
°
-60 -40
0
40
140
160
3.6VSupply
1.4VSupply
-20
20
60
80
100 120
16
14
12
10
8
6
4
2
0
Temperature( C)
°
-60
-20
40
60
160
-40
0
20
80
100 120 140
3.6VSupply
1.8VSupply
1.4VSupply
40
38
36
34
32
30
28
26
24
22
20
Temperature( C)
°
-60
-20
40
60
140 160
3.6VSupply
1.4VSupply
-40
20
0
80
100 120
100
90
80
70
60
50
40
30
20
10
0
BusFrequency(Hz)
1k
10k
100k
1M
10M
-
°
55 C
+25 C
°
+125 C
°
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
Temperature( C)
°
-60 -40
40
60
140 160
-20
20
0
80
100 120
TMP103
www.ti.com
SBOS545A
– FEBRUARY 2011 – REVISED MARCH 2011
TYPICAL CHARACTERISTICS
At TA = +25°C and V+ = 1.8V, unless otherwise noted.
QUIESCENT CURRENT vs TEMPERATURE
(0.25 Conversions per Second)
SHUTDOWN CURRENT vs TEMPERATURE
Figure 1.
Figure 2.
QUIESCENT CURRENT vs BUS FREQUENCY
CONVERSION TIME vs TEMPERATURE
(Temperature at 3.3V Supply)
Figure 3.
Figure 4.
TEMPERATURE ERROR vs TEMPERATURE
Figure 5.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TMP103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com