Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP103CYFFT Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TMP103CYFFT
Description  Low-Power, Digital Temperature Sensor with Two-Wire Interface in WCSP
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP103CYFFT Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMP103CYFFT Datasheet HTML 8Page - Texas Instruments TMP103CYFFT Datasheet HTML 9Page - Texas Instruments TMP103CYFFT Datasheet HTML 10Page - Texas Instruments TMP103CYFFT Datasheet HTML 11Page - Texas Instruments TMP103CYFFT Datasheet HTML 12Page - Texas Instruments TMP103CYFFT Datasheet HTML 13Page - Texas Instruments TMP103CYFFT Datasheet HTML 14Page - Texas Instruments TMP103CYFFT Datasheet HTML 15Page - Texas Instruments TMP103CYFFT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
SCL
SDA
t
(LOW)
t
R
t
F
t
(HDSTA)
t
(HDSTA)
t
(HDDAT)
t
(BUF)
t
(SUDAT)
t
(HIGH)
t
(SUSTA)
t
(SUSTO)
P
S
S
P
TMP103
SBOS545A
– FEBRUARY 2011 – REVISED MARCH 2011
www.ti.com
TIMING DIAGRAMS
Data Transfer: The number of data bytes transferred
between a START and a STOP condition is not
The TMP103 is two-wire and SMBus compatible.
limited and is determined by the master device.
Figure
11
to
Figure
15
describe
the
various
operations on the TMP103. Parameters for Figure 11
Acknowledge:
Each
receiving
device,
when
are defined in Table 10. Bus definitions are:
addressed, is obliged to generate an Acknowledge
bit. A device that acknowledges must pull down the
Bus Idle: Both SDA and SCL lines remain high.
SDA line during the Acknowledge clock pulse in such
a way that the SDA line is stable low during the high
Start Data Transfer: A change in the state of the
period of the Acknowledge clock pulse. Setup and
SDA line, from high to low, while the SCL line is high,
hold times must be taken into account. On a master
defines a START condition. Each data transfer is
receive, the termination of the data transfer can be
initiated with a START condition.
signaled
by
the
master
generating
a
Stop Data Transfer: A change in the state of the
Not-Acknowledge ('1') on the last byte that has been
SDA line from low to high while the SCL line is high
transmitted by the slave.
defines a STOP condition. Each data transfer is
terminated
with
a
repeated
START
or
STOP
condition.
NOTE: P = STOP, S = START.
Figure 11. Two-Wire Timing Diagram
Table 10. Timing Diagram Definitions
FAST MODE
HIGH-SPEED MODE
PARAMETER
MIN
MAX
MIN
MAX
UNIT
f(SCL)
SCL Operating Frequency, VS > 1.7V
0.001
0.4
0.001
3.4
MHz
f(SCL)
SCL Operating Frequency, VS < 1.7V
0.001
0.4
0.001
2.75
MHz
t(BUF)
Bus Free Time Between STOP and START Condition
600
160
ns
Hold time after repeated START condition.
t(HDSTA)
100
100
ns
After this period, the first clock is generated.
t(SUSTA)
Repeated START Condition Setup Time
100
100
ns
t(SUSTO)
STOP Condition Setup Time
100
100
ns
t(HDDAT)
Data Hold Time
0
0
ns
t(SUDAT)
Data Setup Time
100
10
ns
t(LOW)
SCL Clock Low Period, VS > 1.7V
1300
160
ns
t(LOW)
SCL Clock Low Period, VS < 1.7V
1300
200
ns
t(HIGH)
SCL Clock High Period
600
60
ns
tF
Clock/Data Fall Time
300
ns
tR
Clock/Data Rise Time
300
160
ns
tR
Clock/Data Rise Time for SCLK
≤ 100kHz
1000
ns
12
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TMP103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com