Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP103CYFFT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMP103CYFFT
Description  Low-Power, Digital Temperature Sensor with Two-Wire Interface in WCSP
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP103CYFFT Datasheet(HTML) 1 Page - Texas Instruments

  TMP103CYFFT Datasheet HTML 1Page - Texas Instruments TMP103CYFFT Datasheet HTML 2Page - Texas Instruments TMP103CYFFT Datasheet HTML 3Page - Texas Instruments TMP103CYFFT Datasheet HTML 4Page - Texas Instruments TMP103CYFFT Datasheet HTML 5Page - Texas Instruments TMP103CYFFT Datasheet HTML 6Page - Texas Instruments TMP103CYFFT Datasheet HTML 7Page - Texas Instruments TMP103CYFFT Datasheet HTML 8Page - Texas Instruments TMP103CYFFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
MCU
TMP103A
TMP103B
TMP103C
SCL
SCL
SCL
SDA
SDA
SDA
Out
IO
V+
V+
TMP103
www.ti.com
SBOS545A
– FEBRUARY 2011 – REVISED MARCH 2011
Low-Power, Digital Temperature Sensor
with Two-Wire Interface in WCSP
Check for Samples: TMP103
1
FEATURES
DESCRIPTION
The TMP103 is a digital output temperature sensor in
234
•
Multiple Device Access (MDA):
a four-ball wafer chip-scale package (WCSP). The
– Global Read/Write Operations
TMP103 is capable of reading temperatures to a
•
I2C
™-/ SMBus™-Compatible Interface
resolution of 1
°C.
•
Resolution: 8 Bits
The TMP103 features a two-wire interface that is
•
Accuracy:
±1°C Typ (–10°C to +100°C)
compatible with both I2C and SMBus interfaces. In
addition,
the
interface
supports
multiple
device
•
Low Quiescent Current:
access (MDA) commands that allow the master to
– 3μA Active IQ at 0.25Hz
communicate with multiple devices on the bus
– 1μA Shutdown
simultaneously,
eliminating
the
need
to
send
individual commands to each TMP103 on the bus.
•
Supply Range: 1.4V to 3.6V
•
Digital Output
Up to eight TMP103s can be tied together in parallel
and easily read by the host. The TMP103 is
•
Package: 4-Ball WCSP (DSBGA)
especially
ideal
for
space-constrained,
power-sensitive
applications
with
multiple
APPLICATIONS
temperature
measurement
zones
that
must
be
•
Handsets
monitored.
•
Notebooks
The TMP103 is specified for operation over a
temperature range of
–40°C to +125°C.
TYPICAL APPLICATION
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SMBus is a trademark of Intel.
3
I2C is a trademark of NXP Semiconductors.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TMP103CYFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP103CYFFT TI1-TMP103CYFFT Datasheet
992Kb / 30P
Low-Power, Digital Temperature Sensor
TMP103CYFFT TI2-TMP103CYFFT Datasheet
559Kb / 30P
TMP103 Low-Power, Digital Temperature Sensor With Two-Wire Interface in WCSP
REVISED DECEMBER 2018
More results

Similar Description - TMP103CYFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP175 TI-TMP175 Datasheet
295Kb / 13P
Digital Temperature Sensor with Two-Wire Interface
logo
Burr-Brown (TI)
TMP106 BURR-BROWN-TMP106 Datasheet
265Kb / 16P
Digital Temperature Sensor with Two-Wire Interface
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP175 TI1-TMP175_12 Datasheet
640Kb / 20P
Digital Temperature Sensor with Two-Wire Interface
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
Digital Temperature Sensor with Two-Wire Interface
TMP75AIDGKRG4 TI1-TMP75AIDGKRG4 Datasheet
640Kb / 20P
Digital Temperature Sensor with Two-Wire Interface
TMP108 TI-TMP108 Datasheet
268Kb / 19P
Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
TMP103 TI-TMP103_15 Datasheet
817Kb / 24P
Low-Power, Digital Temperature Sensor with Two-Wire Interface in WCSP
TMP105 TI-TMP105_15 Datasheet
849Kb / 22P
Digital Temperature Sensor with Two-Wire Interface
TMP108 TI-TMP108_15 Datasheet
771Kb / 21P
Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com