Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C28343ZHHT Datasheet(PDF) 55 Page - Texas Instruments

Part # TMS320C28343ZHHT
Description  Delfino Microcontrollers
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C28343ZHHT Datasheet(HTML) 55 Page - Texas Instruments

Back Button TMS320C28343ZHHT Datasheet HTML 51Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 52Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 53Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 54Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 55Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 56Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 57Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 58Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 170 page
background image
X1
XCLKIN
(3.3-Vclockinput
fromexternal
oscillator)
On-chip
oscillator
X2
PLLSTS[OSCOFF]
OSCCLK
PLL
VCOCLK
5-bitmultiplierPLLCR[DIV]
OSCCLKor
VCOCLK
CLKIN
OSCCLK
0
PLLSTS[PLLOFF]
n
n ≠ 0
PLLSTS[DIVSEL]
External
Crystalor
Resonator
To
CPU
/1
/8
/2
/4
TMS320C28346, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28342, TMS320C28341
www.ti.com
SPRS516B – MARCH 2009 – REVISED JULY 2010
The PLL, clocking, watchdog and low-power modes, are controlled by the registers listed in Table 3-11.
Table 3-11. PLL, Clocking, Watchdog, and Low-Power Mode Registers
NAME
ADDRESS
SIZE (x16)
DESCRIPTION
PLLSTS
0x00 7011
1
PLL Status Register
Reserved
0x00 7012 – 0x00 7018
7
Reserved
PCLKCR2
0x00 7019
1
Peripheral Clock Control Register 2
HISPCP
0x00 701A
1
High-Speed Peripheral Clock Pre-Scaler Register
LOSPCP
0x00 701B
1
Low-Speed Peripheral Clock Pre-Scaler Register
PCLKCR0
0x00 701C
1
Peripheral Clock Control Register 0
PCLKCR1
0x00 701D
1
Peripheral Clock Control Register 1
LPMCR0
0x00 701E
1
Low Power Mode Control Register 0
Reserved
0x00 701F
1
Reserved
PCLKCR3
0x00 7020
1
Peripheral Clock Control Register 3
PLLCR
0x00 7021
1
PLL Control Register
SCSR
0x00 7022
1
System Control and Status Register
WDCNTR
0x00 7023
1
Watchdog Counter Register
Reserved
0x00 7024
1
Reserved
WDKEY
0x00 7025
1
Watchdog Reset Key Register
Reserved
0x00 7026 – 0x00 7028
3
Reserved
WDCR
0x00 7029
1
Watchdog Control Register
Reserved
0x00 702A – 0x00 702 C
3
Reserved
EXTSOCCFG
0x00 702D
1
External ADC SOC Configuration Register
Reserved
0x00 702E
1
Reserved
3.6.1
OSC and PLL Block
Figure 3-9 shows the OSC and PLL block.
Figure 3-9. OSC and PLL Block Diagram
The on-chip oscillator circuit enables a crystal/resonator to be attached to the C2834x devices using the
X1 and X2 pins. If the on-chip oscillator is not used, an external oscillator can be used in either one of the
following configurations:
1. A 3.3-V external oscillator can be directly connected to the XCLKIN pin. The X2 pin should be left
unconnected and the X1 pin tied to VSSK . The logic-high level in this case should not exceed VDDIO.
2. A 1.8-V external oscillator can be directly connected to the X1 pin. The X2 pin should be left
unconnected and the XCLKIN pin tied to VSS . The logic-high level in this case should not exceed
VDD18.
Copyright © 2009–2010, Texas Instruments Incorporated
Functional Overview
55
Submit Documentation Feedback
Product Folder Link(s): TMS320C28346, TMS320C28345, TMS320C28344 TMS320C28343, TMS320C28342,
TMS320C28341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com