Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C28343ZHHT Datasheet(PDF) 93 Page - Texas Instruments

Part # TMS320C28343ZHHT
Description  Delfino Microcontrollers
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C28343ZHHT Datasheet(HTML) 93 Page - Texas Instruments

Back Button TMS320C28343ZHHT Datasheet HTML 89Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 90Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 91Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 92Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 93Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 94Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 95Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 96Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 170 page
background image
TMS320C28346, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28342, TMS320C28341
www.ti.com
SPRS516B – MARCH 2009 – REVISED JULY 2010
–
Arbitration lost
–
Stop condition detected
–
Addressed as slave
•
An additional interrupt that can be used by the CPU when in FIFO mode
•
Module enable/disable capability
•
Free data format mode
The registers in Table 4-15 configure and control the I2C port operation.
Table 4-15. I2C-A Registers
NAME
ADDRESS
DESCRIPTION
I2COAR
0x7900
I2C own address register
I2CIER
0x7901
I2C interrupt enable register
I2CSTR
0x7902
I2C status register
I2CCLKL
0x7903
I2C clock low-time divider register
I2CCLKH
0x7904
I2C clock high-time divider register
I2CCNT
0x7905
I2C data count register
I2CDRR
0x7906
I2C data receive register
I2CSAR
0x7907
I2C slave address register
I2CDXR
0x7908
I2C data transmit register
I2CMDR
0x7909
I2C mode register
I2CISRC
0x790A
I2C interrupt source register
I2CPSC
0x790C
I2C prescaler register
I2CFFTX
0x7920
I2C FIFO transmit register
I2CFFRX
0x7921
I2C FIFO receive register
I2CRSR
–
I2C receive shift register (not accessible to the CPU)
I2CXSR
–
I2C transmit shift register (not accessible to the CPU)
4.13 GPIO MUX
On the 2834x devices, the GPIO MUX can multiplex up to three independent peripheral signals on a
single GPIO pin in addition to providing individual pin bit-banging I/O capability. The GPIO MUX block
diagram per pin is shown in Figure 4-16. Because of the open drain capabilities of the I2C pins, the GPIO
MUX block diagram for these pins differ. See the TMS320x2834x Delfino System Control and Interrupts
Reference Guide (literature number SPRUFN1 ) for details.
NOTE
There is a 2-SYSCLKOUT cycle delay from when the write to the GPxMUXn and GPxQSELn
registers occurs to when the action is valid.
Copyright © 2009–2010, Texas Instruments Incorporated
Peripherals
93
Submit Documentation Feedback
Product Folder Link(s): TMS320C28346, TMS320C28345, TMS320C28344 TMS320C28343, TMS320C28342,
TMS320C28341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com