Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C28343ZHHT Datasheet(PDF) 86 Page - Texas Instruments

Part # TMS320C28343ZHHT
Description  Delfino Microcontrollers
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C28343ZHHT Datasheet(HTML) 86 Page - Texas Instruments

Back Button TMS320C28343ZHHT Datasheet HTML 82Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 83Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 84Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 85Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 86Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 87Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 88Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 89Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 170 page
background image
TMS320C28346, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28342, TMS320C28341
SPRS516B – MARCH 2009 – REVISED JULY 2010
www.ti.com
Enhanced features:
•
Auto baud-detect hardware logic
•
16-level transmit/receive FIFO
The SCI port operation is configured and controlled by the registers listed in Table 4-10, Table 4-11, and
Table 4-12.
Table 4-10. SCI-A Registers(1)
NAME
ADDRESS
SIZE (x16)
DESCRIPTION
SCICCRA
0x7050
1
SCI-A Communications Control Register
SCICTL1A
0x7051
1
SCI-A Control Register 1
SCIHBAUDA
0x7052
1
SCI-A Baud Register, High Bits
SCILBAUDA
0x7053
1
SCI-A Baud Register, Low Bits
SCICTL2A
0x7054
1
SCI-A Control Register 2
SCIRXSTA
0x7055
1
SCI-A Receive Status Register
SCIRXEMUA
0x7056
1
SCI-A Receive Emulation Data Buffer Register
SCIRXBUFA
0x7057
1
SCI-A Receive Data Buffer Register
SCITXBUFA
0x7059
1
SCI-A Transmit Data Buffer Register
SCIFFTXA(2)
0x705A
1
SCI-A FIFO Transmit Register
SCIFFRXA(2)
0x705B
1
SCI-A FIFO Receive Register
SCIFFCTA(2)
0x705C
1
SCI-A FIFO Control Register
SCIPRIA
0x705F
1
SCI-A Priority Control Register
(1)
Registers in this table are mapped to Peripheral Frame 2 space. This space only allows 16-bit accesses. 32-bit accesses produce
undefined results.
(2)
These registers are new registers for the FIFO mode.
Table 4-11. SCI-B Registers(1) (2)
NAME
ADDRESS
SIZE (x16)
DESCRIPTION
SCICCRB
0x7750
1
SCI-B Communications Control Register
SCICTL1B
0x7751
1
SCI-B Control Register 1
SCIHBAUDB
0x7752
1
SCI-B Baud Register, High Bits
SCILBAUDB
0x7753
1
SCI-B Baud Register, Low Bits
SCICTL2B
0x7754
1
SCI-B Control Register 2
SCIRXSTB
0x7755
1
SCI-B Receive Status Register
SCIRXEMUB
0x7756
1
SCI-B Receive Emulation Data Buffer Register
SCIRXBUFB
0x7757
1
SCI-B Receive Data Buffer Register
SCITXBUFB
0x7759
1
SCI-B Transmit Data Buffer Register
SCIFFTXB(2)
0x775A
1
SCI-B FIFO Transmit Register
SCIFFRXB(2)
0x775B
1
SCI-B FIFO Receive Register
SCIFFCTB(2)
0x775C
1
SCI-B FIFO Control Register
SCIPRIB
0x775F
1
SCI-B Priority Control Register
(1)
Registers in this table are mapped to Peripheral Frame 2 space. This space only allows 16-bit accesses. 32-bit accesses produce
undefined results.
(2)
These registers are new registers for the FIFO mode.
86
Peripherals
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C28346, TMS320C28345, TMS320C28344 TMS320C28343, TMS320C28342,
TMS320C28341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com