Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C28343ZHHT Datasheet(PDF) 101 Page - Texas Instruments

Part # TMS320C28343ZHHT
Description  Delfino Microcontrollers
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C28343ZHHT Datasheet(HTML) 101 Page - Texas Instruments

Back Button TMS320C28343ZHHT Datasheet HTML 97Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 98Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 99Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 100Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 101Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 102Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 103Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 104Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 170 page
background image
CS
A(18:0)
OE
WE
D(15:0)
Low16-bits
External
wait-state
generator
XREADY
XCLKOUT
XA(19:1)
XRD
XWE0
XD(15:0)
XINTF
CS
A(18:0)
OE
WE
D(31:16)
XZCS0/6/7
XWE1
XD(31:16)
High16-bits
XA(0)
X
TMS320C28346, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28342, TMS320C28341
www.ti.com
SPRS516B – MARCH 2009 – REVISED JULY 2010
Figure 4-20. Typical 32-bit Data Bus XINTF Connections
Table 4-20. XINTF Configuration and Control Register Mapping
NAME
ADDRESS
SIZE (x16)
DESCRIPTION
XTIMING0
0x00
−0B20
2
XINTF Timing Register, Zone 0
XTIMING6(1)
0x00
−0B2C
2
XINTF Timing Register, Zone 6
XTIMING7
0x00
−0B2E
2
XINTF Timing Register, Zone 7
XINTCNF2(2)
0x00
−0B34
2
XINTF Configuration Register
XBANK
0x00
−0B38
1
XINTF Bank Control Register
XREVISION
0x00
−0B3A
1
XINTF Revision Register
XRESET
0x00
−0B3D
1
XINTF Reset Register
(1)
XTIMING1 - XTIMING5 are reserved for future expansion and are not currently used.
(2)
XINTCNF1 is reserved and not currently used.
Copyright © 2009–2010, Texas Instruments Incorporated
Peripherals
101
Submit Documentation Feedback
Product Folder Link(s): TMS320C28346, TMS320C28345, TMS320C28344 TMS320C28343, TMS320C28342,
TMS320C28341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com