Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT4401 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBT4401
Description  NPN Silicon Switching Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBT4401 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MMBT4401 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBT4401 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMBT4401 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MMBT4401 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH MMBT4401 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
2
3
COLLECTOR
3
1
BASE
2
EMITTER
MAXIMUM RATINGS
THE RMAL CHARACTERISTICS
DEVICE MARKING
OFF CHARACTERISTICS
Rating
Symbol
Value
Unit
VCEO
40
Vdc
VCBO
60
Vdc
VEBO
6.0
Vdc
IC
600
mAdc
Characteristic
Symbol
Max
Unit
P D
300
1.8
T hermal R esistance, J unction to Ambient
556
P D
300
2.4
Thermal Resistance, Junction to Ambient
417
Junction and Storage Temperature
T J , Tstg
-55 to +150
MMBT4401 = 2X
Symbol
Min
Max
Unit
V(BR)CEO
40
V(BR)CBO
60
V(BR)EBO
6.0
IBEV
0.1
ICEX
0.1
http://www.SeCoSGmbH.com
Elektronische Bauelemente
K
J
C
H
L
A
B S
G
V
3
1
2
D
Top View
Dim
Min
Max
A
2.800
3.040
B
1.200
1.400
C
0.890
1.110
D
0.370
0.500
G
1.780
2.040
H
0.013
0.100
J
0.085
0.177
K
0.450
0.600
L
0.890
1.020
S
2.100
2.500
V
0.450
0.600
All Dimension in mm
SOT-23
1. FR±5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
3. Pulse Test: Pulse Width =< 300 µs, Duty Cycle =< 2.0%.
C
C/W
mW
mW/ C
C/W
mW
mW/
o
o
o
o
o
C
RθJA
RθJA
µAdc
µAdc
MMBT4401
—
—
—
—
—
Any changing of specification will not be informed individual
NPN Silicon
Switching Transistor
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Total Device Dissipation FR– 5 Board(1)
TA = 25°C
Derate above 25
°C
Total Device Dissipation
Alumina Substrate,(2) TA = 25°C
Derate above 25
°C
Collector Current — Continuous
Collector – Emitter Voltage
Collector – Base Voltage
Emitter – Base Voltage
Collector – Emitter Breakdown Voltage(3)
(IC = 1.0 mAdc, IB = 0)
Collector – Base Breakdown Voltage
(IC = 0.1 mAdc, IE = 0)
Emitter – Base Breakdown Voltage
(IE = 0.1 mAdc, IC = 0)
Base Cutoff Current
(VCE = 35 Vdc, VEB = 0.4 Vdc)
Collector Cutoff Current
(VCE = 35 Vdc, VEB = 0.4 Vdc)
Vdc
Vdc
Vdc
01-Jun-2004 Rev. B
Page 1 of 5
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - MMBT4401

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBT4401 TRSYS-MMBT4401 Datasheet
195Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Zowie Technology Corpor...
MMBT4401 ZOWIE-MMBT4401 Datasheet
125Kb / 6P
SWITCHING TRANSISTOR NPN SILICON
logo
Fairchild Semiconductor
MMBT4401 FAIRCHILD-MMBT4401 Datasheet
29Kb / 2P
NPN General Purpose Amplifier
logo
Diodes Incorporated
MMBT4401 DIODES-MMBT4401 Datasheet
52Kb / 3P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30039 Rev. 4 - 2
logo
General Semiconductor
MMBT4401 GE-MMBT4401 Datasheet
117Kb / 3P
SMALL SIGNAL TRANSISTORS (NPN)
More results

Similar Description - MMBT4401

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT4401LT1 ONSEMI-MMBT4401LT1 Datasheet
213Kb / 8P
Switching Transistor(NPN Silicon)
September, 2004 ??Rev. 4
logo
STMicroelectronics
MJE13007 STMICROELECTRONICS-MJE13007 Datasheet
29Kb / 4P
SILICON NPN SWITCHING TRANSISTOR
Jun-1998
logo
Siemens Semiconductor G...
SXT2222A SIEMENS-SXT2222A Datasheet
155Kb / 6P
NPN Silicon Switching Transistor
logo
Infineon Technologies A...
PZT3904 INFINEON-PZT3904 Datasheet
48Kb / 5P
NPN Silicon Switching Transistor
Nov-30-2001
logo
ON Semiconductor
MMBT4401WT1 ONSEMI-MMBT4401WT1 Datasheet
119Kb / 6P
Switching Transistor NPN Silicon
February, 2004 ??Rev. 1
logo
Weitron Technology
MMBT4401 WEITRON-MMBT4401 Datasheet
461Kb / 6P
Switching Transistor NPN Silicon
logo
ON Semiconductor
BSV52LT1 ONSEMI-BSV52LT1 Datasheet
51Kb / 4P
Switching Transistor (NPN Silicon)
March, 2001 ??Rev. 1
logo
STMicroelectronics
BU406 STMICROELECTRONICS-BU406_03 Datasheet
56Kb / 4P
SILICON NPN SWITCHING TRANSISTOR
Feb-2003
logo
New Jersey Semi-Conduct...
BUV42 NJSEMI-BUV42 Datasheet
114Kb / 4P
SILICON NPN SWITCHING TRANSISTOR
logo
Unisonic Technologies
BU406 UTC-BU406_15 Datasheet
213Kb / 4P
SILICON NPN SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com