Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT4401 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBT4401
Description  NPN Silicon Switching Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBT4401 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  MMBT4401 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBT4401 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMBT4401 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MMBT4401 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH MMBT4401 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Any changing of specification will not be informed individual
MMBT4401
NPN Silicon
Switching Transistor
Figure 3. Capacitances
7.0
10
20
30
5.0
Figure 4. Charge Data
0.1
2.0
5.0
10
20
2.0
30
50
3.0
2.0
3.0
5.0
7.0
10
1.0
10
20
50
70
100
200
0.1
300
500
0.7
0.5
VCC = 30 V
IC/IB = 10
Figure 5. Turn–On Time
20
30
50
5.0
10
7.0
Figure 6. Rise and Fall Times
Figure 7. Storage Time
Figure 8. Fall Time
20
30
50
70
100
10
5.0
7.0
Cobo
QT
QA
25
°C
100
°C
TRANSIENT CHARACTERISTICS
3.0
1.0
0.5
0.3
0.2
0.3
0.2
30
Ccb
70
100
10
20
50
70
100
200
300
500
30
IC/IB = 10
tr @ VCC = 30 V
tr @ VCC = 10 V
td @ VEB = 2.0 V
td @ VEB = 0
20
30
50
5.0
10
7.0
70
100
10
20
50
70
100
200
300
500
30
VCC = 30 V
IC/IB = 10
tr
tf
10
20
50
70
100
200
300
500
30
100
200
30
70
50
300
10
20
50
70
100
200
300
500
30
ts′ = ts – 1/8 tf
IB1 = IB2
IC/IB = 10 to 20
VCC = 30 V
IB1 = IB2
IC/IB = 20
IC/IB = 10
Reverse Voltage (V)
IC, Collector Current (mA)
IC, Collector Current (mA)
IC, Collector Current (mA)
IC, Collector Current (mA)
IC, Collector Current (mA)
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2004 Rev. B
Page 3 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com