Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT4401 Datasheet(PDF) 5 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBT4401
Description  NPN Silicon Switching Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBT4401 Datasheet(HTML) 5 Page - SeCoS Halbleitertechnologie GmbH

  MMBT4401 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBT4401 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMBT4401 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MMBT4401 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH MMBT4401 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Any changing of specification will not be informed individual
MMBT4401
NPN Silicon
Switching Transistor
STATIC CHARACTERISTICS
Figure 15. DC Current Gain
Figure 16. Collector Saturation Region
0.4
0.6
0.8
1.0
0.2
0.1
0.5
2.0
3.0
50
0.2
0.3
0
1.0
0.7
5.0 7.0
IC = 1.0 mA
TJ = 25°C
0.07
0.05
0.03
0.02
0.01
10 mA
100 mA
10
20
30
500 mA
0.3
0.5
0.7
1.0
3.0
0.1
0.5
2.0
3.0
10
50
70
0.2
0.3
0.2
100
1.0
0.7
500
30
20
5.0
7.0
TJ = 125°C
–55
°C
2.0
200
300
25
°C
VCE = 1.0 V
VCE = 10 V
Figure 17. “On” Voltages
0.4
0.6
0.8
1.0
0.2
Figure 18. Temperature Coefficients
1.0 2.0
5.0
10
20
50
0
100
– 0.5
0
+ 0.5
– 1.0
– 1.5
– 2.0
500
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE @ VCE = 10 V
qVC for VCE(sat)
qVB for VBE
200
0.1 0.2
0.5
– 2.5
1.0
2.0
5.0
10
20
50
100
500
200
0.1 0.2
0.5
IC, Collector Current (mA)
IB, Base Current (mA)
IC, Collector Current (mA)
IC, Collector Current (mA)
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2004 Rev. B
Page 5 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com