Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320LC2401AVFS Datasheet(PDF) 42 Page - Texas Instruments

Part # TMS320LC2401AVFS
Description  DSP CONTROLLERS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320LC2401AVFS Datasheet(HTML) 42 Page - Texas Instruments

Back Button TMS320LC2401AVFS Datasheet HTML 38Page - Texas Instruments TMS320LC2401AVFS Datasheet HTML 39Page - Texas Instruments TMS320LC2401AVFS Datasheet HTML 40Page - Texas Instruments TMS320LC2401AVFS Datasheet HTML 41Page - Texas Instruments TMS320LC2401AVFS Datasheet HTML 42Page - Texas Instruments TMS320LC2401AVFS Datasheet HTML 43Page - Texas Instruments TMS320LC2401AVFS Datasheet HTML 44Page - Texas Instruments TMS320LC2401AVFS Datasheet HTML 45Page - Texas Instruments TMS320LC2401AVFS Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 88 page
background image
TMS320LF2401A, TMS320LC2401A
DSP CONTROLLERS
SPRS161K − MARCH 2001 − REVISED JULY 2007
42
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
enhanced analog-to-digital converter (ADC) module (continued)
The ADC module in the 2401A has been enhanced to provide flexible interface to the event manager (EVA).
The ADC interface is built around a fast, 10-bit ADC module with total conversion time of 500 ns (S/H +
conversion). The ADC module has 5 channels to service EVA. Although there are multiple input channels and
two sequencers, there is only one converter in the ADC module. Figure 15 shows the block diagram of the
2401A ADC module.
Result Registers
S/W
EVA
S/W
Sequencer 2
Sequencer 1
SOC
SOC
ADC Control Registers
70B7h
70B0h
70AFh
70A8h
Result Reg 15
Result Reg 8
Result Reg 7
Result Reg 1
Result Reg 0
(500 ns)
Module
ADC
10-Bit
Analog MUX
ADCIN00
ADCIN01
ADCIN02
ADCIN04
ADCIN03
ADCSOC
Figure 15. Block Diagram of the 2401A ADC Module
To obtain the specified accuracy of the ADC, proper board layout is very critical. To the best extent possible,
traces leading to the ADCINn pins should not run in close proximity to the digital signal paths. This is to minimize
switching noise on the digital lines from getting coupled to the ADC inputs. Furthermore, proper isolation
techniques must be used to isolate the ADC module power pins (such as VCCA and VSSA) from the digital supply.
Unused ADC inputs should be connected to analog ground for improved accuracy and ESD protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com