Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320LC2401AVFS Datasheet(PDF) 60 Page - Texas Instruments

Part # TMS320LC2401AVFS
Description  DSP CONTROLLERS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320LC2401AVFS Datasheet(HTML) 60 Page - Texas Instruments

Back Button TMS320LC2401AVFS Datasheet HTML 56Page - Texas Instruments TMS320LC2401AVFS Datasheet HTML 57Page - Texas Instruments TMS320LC2401AVFS Datasheet HTML 58Page - Texas Instruments TMS320LC2401AVFS Datasheet HTML 59Page - Texas Instruments TMS320LC2401AVFS Datasheet HTML 60Page - Texas Instruments TMS320LC2401AVFS Datasheet HTML 61Page - Texas Instruments TMS320LC2401AVFS Datasheet HTML 62Page - Texas Instruments TMS320LC2401AVFS Datasheet HTML 63Page - Texas Instruments TMS320LC2401AVFS Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 88 page
background image
TMS320LF2401A, TMS320LC2401A
DSP CONTROLLERS
SPRS161K − MARCH 2001 − REVISED JULY 2007
60
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
current consumption graphs
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
35
40
45
CLKOUT Frequency (MHz)
Figure 21. LF2401A Typical Current Consumption (With Peripheral Clocks Enabled)
reducing current consumption
240x DSPs incorporate a unique method to reduce the device current consumption. A reduction in current
consumption can be achieved by turning off the clock to any peripheral module which is not used in a given
application. Table 15 indicates the typical reduction in current consumption achieved by turning off the clocks
to various peripherals. Refer to the TMS320LF/LC240xA DSP Controllers Reference Guide: System and
Peripherals (literature number SPRU357) for further information on how to turn off the clock to the peripherals.
Table 15. Typical Current Consumption by Various Peripherals (at 40 MHz)
PERIPHERAL MODULE
CURRENT REDUCTION (mA)
EVA
6.1
ADC†
2.8†
SCI
1.9
† ADC current shown is at 30 MHz.
emulator connection without signal buffering for the DSP
Figure 22 shows the connection between the DSP and JTAG header for a single-processor configuration. If the
distance between the JTAG header and the DSP is greater than 6 inches, the emulation signals must be
buffered. If the distance is less than 6 inches, buffering is typically not needed. Figure 22 shows the simpler,
no-buffering situation. For the pullup/pulldown resistor values, see the pin description section. For details on
buffering JTAG signals and multiple processor connections, see TMS320F/C24x DSP Controllers CPU and
Instruction Set Reference Guide (literature number SPRU160).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com