Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320LC2401AVFS Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS320LC2401AVFS
Description  DSP CONTROLLERS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320LC2401AVFS Datasheet(HTML) 1 Page - Texas Instruments

  TMS320LC2401AVFS Datasheet HTML 1Page - Texas Instruments TMS320LC2401AVFS Datasheet HTML 2Page - Texas Instruments TMS320LC2401AVFS Datasheet HTML 3Page - Texas Instruments TMS320LC2401AVFS Datasheet HTML 4Page - Texas Instruments TMS320LC2401AVFS Datasheet HTML 5Page - Texas Instruments TMS320LC2401AVFS Datasheet HTML 6Page - Texas Instruments TMS320LC2401AVFS Datasheet HTML 7Page - Texas Instruments TMS320LC2401AVFS Datasheet HTML 8Page - Texas Instruments TMS320LC2401AVFS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 88 page
background image
TMS320LF2401A, TMS320LC2401A
DSP CONTROLLERS
SPRS161K − MARCH 2001 − REVISED JULY 2007
1
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
D High-Performance Static CMOS Technology
− 25-ns Instruction Cycle Time (40 MHz)
− 40-MIPS Performance
− Low-Power 3.3-V Design
D Based on TMS320C2xx DSP CPU Core
− Code-Compatible With 240x and
F243/F241/C242
− Instruction Set Compatible With F240
D On-Chip Memory
− Up to 8K Words x 16 Bits of Flash
EEPROM (2 Sectors) (LF2401A)
− 8K Words x 16 Bits of ROM (LC2401A)
− Programmable “Code-Security” Feature
for the On-Chip Flash/ROM
− Up to 1K Words x 16 Bits of
Data/Program RAM
− 544 Words of Dual-Access RAM
− Up to 512 Words of Single-Access
RAM
D Boot ROM
− SCI Bootloader
D Event-Manager (EV) Module (EVA), Which
Includes:
− Two 16-Bit General-Purpose Timers
− Seven 16-Bit Pulse-Width Modulation
(PWM) Channels Which Enable:
− Three-Phase Inverter Control
− Center- or Edge-Alignment of PWM
Channels
− Emergency PWM Channel Shutdown
With External PDPINTA Pin
− Programmable Deadband (Deadtime)
Prevents Shoot-Through Faults
− One Capture Unit for Time-Stamping of
External Events
− Input Qualifier for Select Pins
− Synchronized A-to-D Conversion
− Designed for AC Induction, BLDC,
Switched Reluctance, and Stepper Motor
Control
D Small Foot-Print (7 mm × 7 mm) Ideally
Suited for Space-Constrained Applications
D Watchdog (WD) Timer Module
D 10-Bit Analog-to-Digital Converter (ADC)
− 5 Multiplexed Input Channels
− 500 ns Minimum Conversion Time
− Selectable Twin 8-State Sequencers
Triggered by Event Manager
D Serial Communications Interface (SCI)
D Phase-Locked-Loop (PLL)-Based Clock
Generation
D Up to 13 Individually Programmable,
Multiplexed General-Purpose Input / Output
(GPIO) Pins
D User-Selectable Dual External Interrupts
(XINT1 and XINT2)
D Power Management:
− Three Power-Down Modes
− Ability to Power Down Each Peripheral
Independently
D Real-Time JTAG-Compliant Scan-Based
Emulation, IEEE Standard 1149.1† (JTAG)
D Development Tools Include:
− Texas Instruments (TI) ANSI C Compiler,
Assembler/ Linker, and Code Composer
Studio
 Debugger
− Evaluation Modules
− Scan-Based Self-Emulation (XDS510
)
− Broad Third-Party Digital Motor Control
Support
D 32-Pin VF Low-Profile Quad Flatpack
(LQFP)
D Extended Temperature Options (A and S)
− A: − 40
°C to 85°C
− S: − 40
°C to 125°C
Copyright
 2007, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Code Composer Studio and XDS510 are trademarks of Texas Instruments.
All trademarks are the property of their respective owners.
† IEEE Standard 1149.1−1990, IEEE Standard Test-Access Port; however, boundary scan is not supported in this device family.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TMS320LC2401AVFS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320LC2401AVFS TI-TMS320LC2401AVFS Datasheet
1Mb / 134P
DSP CONTROLLERS
More results

Similar Description - TMS320LC2401AVFS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320LF2407 TI-TMS320LF2407 Datasheet
1Mb / 106P
DSP CONTROLLERS
TMS320LC2401A TI-TMS320LC2401A Datasheet
1Mb / 88P
DSP CONTROLLERS
TMS320LC2406A TI-TMS320LC2406A Datasheet
1Mb / 133P
DSP CONTROLLERS
TMS320LF2407 TI-TMS320LF2407 Datasheet
1Mb / 106P
DSP CONTROLLERS
TMS320F243 TI-TMS320F243_07 Datasheet
1Mb / 121P
DSP CONTROLLERS
TMS320LF2401A TI-TMS320LF2401A_07 Datasheet
1Mb / 88P
DSP CONTROLLERS
TMS320LF2407 TI-TMS320LF2407_08 Datasheet
1Mb / 116P
DSP CONTROLLERS
SM320LF2407-EP TI1-SM320LF2407-EP Datasheet
1Mb / 112P
DSP CONTROLLERS
TMS320F241 TI1-TMS320F241_13 Datasheet
1Mb / 122P
DSP CONTROLLERS
SM320LF2407A-EP TI1-SM320LF2407A-EP Datasheet
1Mb / 112P
DSP CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com