Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1202 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC1202
Description  600mA Low Dropout Positive Voltage Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1202 Datasheet(HTML) 2 Page - Semtech Corporation

  SC1202 Datasheet HTML 1Page - Semtech Corporation SC1202 Datasheet HTML 2Page - Semtech Corporation SC1202 Datasheet HTML 3Page - Semtech Corporation SC1202 Datasheet HTML 4Page - Semtech Corporation SC1202 Datasheet HTML 5Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
ã 2000 Semtech Corp.
www.semtech.com
SC1202 &
SC1202A
POWER MANAGEMENT
Unless otherwise specified, Adj. V
IN = 2.65 to 7V (15.0V for “A” version) and Adj. IO = 10mA to 600mA;
Fixed V
IN = 4.75 to 7V (15.0V for “A” version) and Fixed IO = 0mA to 600mA
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sm
u
m
i
x
a
Ms
ti
n
U
e
g
a
tl
o
V
t
u
p
n
I
2
0
2
1
C
S
A
2
0
2
1
C
S
V
N
I
7
6
1
V
n
o
it
a
p
i
s
s
i
D
r
e
w
o
PP
D
d
e
ti
m
i
L
y
ll
a
n
r
e
t
n
IW
e
s
a
C
o
t
n
o
it
c
n
u
J
,
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
q
C
J
5
1W
/
C
°
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
,
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
q
A
J
6
5
1W
/
C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A
g
n
it
a
r
e
p
OT
A
0
7
o
t
0C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
g
n
it
a
r
e
p
OT
J
5
2
1
o
t
0C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
o
t
5
6
-C
°
s
d
n
o
c
e
s
0
1
)
g
n
ir
e
d
l
o
S
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
LT
D
A
E
L
0
0
3C
°
)l
e
d
o
M
y
d
o
B
n
a
m
u
H
(
g
n
it
a
R
D
S
ED
S
E2
V
k
r
e
t
e
m
a
r
a
Pl
o
b
m
y
SV
N
I
I
o
T
J
)
4
(
n
i
Mp
y
Tx
a
Ms
ti
n
U
e
g
a
tl
o
V
t
u
p
t
u
O
)
1
(
V
O
V
5A
m
0C
°
5
25
6
2
.
30
0
3
.
35
3
3
.
3V
n
o
it
p
O
e
g
a
tl
o
V
d
e
x
i
F.
T
.
O0
3
2
.
30
0
3
.
39
6
3
.
3
e
g
a
tl
o
V
e
c
n
e
r
e
f
e
R
)
1
(
V
F
E
R
V
5A
m
0
1C
°
5
28
3
2
.
10
5
2
.
12
6
2
.
1V
n
o
i
s
r
e
V
e
g
a
tl
o
V
.j
d
A.
T
.
O5
2
2
.
10
5
2
.
15
7
2
.
1
n
o
it
a
l
u
g
e
R
e
n
i
L
)
1
(
G
E
R
)
E
N
I
L
(
A
m
0
1.
T
.
O5
3
0
.
02
.
0%
n
o
it
a
l
u
g
e
R
d
a
o
L
)
1
(
G
E
R
)
D
A
O
L
(
V
5.
T
.
O2
.
04
.
0%
e
g
a
tl
o
V
t
u
o
p
o
r
D
DV
T
U
O , DV
F
E
R
%
1
=
V
D
.
T
.
O2
.
13
.
1V
ti
m
i
L
t
n
e
rr
u
CI
L
C
.
T
.
O0
0
6A
m
d
e
x
i
F
t
n
e
rr
u
C
t
n
e
c
s
e
i
u
Q
n
o
i
s
r
e
V
e
g
a
tl
o
V
I
Q
V
5.
T
.
O0
13
1A
m
t
n
e
i
c
if
f
e
o
C
e
r
u
t
a
r
e
p
m
e
TT
C
.
T
.
O5
0
0
.
0C
°
/
%
t
n
e
rr
u
C
n
i
P
t
s
u
j
d
AI
J
D
A
.
T
.
O5
50
9A
µ
t
n
e
rr
u
C
n
i
P
t
s
u
j
d
A
e
g
n
a
h
C
DI
J
D
A
.
T
.
O2
.
00
.
5A
µ
Absolute Maximum Ratings
Electrical Characteristics



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com