Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1202 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC1202
Description  600mA Low Dropout Positive Voltage Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1202 Datasheet(HTML) 3 Page - Semtech Corporation

  SC1202 Datasheet HTML 1Page - Semtech Corporation SC1202 Datasheet HTML 2Page - Semtech Corporation SC1202 Datasheet HTML 3Page - Semtech Corporation SC1202 Datasheet HTML 4Page - Semtech Corporation SC1202 Datasheet HTML 5Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
ã 2000 Semtech Corp.
www.semtech.com
SC1202 &
SC1202A
POWER MANAGEMENT
r
e
t
e
m
a
r
a
Pl
o
b
m
y
SV
N
I
I
o
T
J
)
4
(
n
i
Mp
y
Tx
a
Ms
ti
n
U
y
ti
li
b
a
t
S
e
r
u
t
a
r
e
p
m
e
TT
S
.
T
.
O5
.
0%
t
n
e
rr
u
C
d
a
o
L
m
u
m
i
n
i
M
n
o
i
s
r
e
V
e
g
a
tl
o
V
.j
d
A
I
)
N
I
M
(
O
V
5T
.
O5
0
1A
m
e
s
i
o
N
t
u
p
t
u
O
S
M
R
)
2
(
V
N
C
°
5
23
0
0
.
0V
%
O
o
it
a
R
n
o
it
c
e
j
e
R
e
l
p
p
i
R
)
3
(
R
A
V
5A
m
0
0
6.
T
.
O0
62
7B
d
NOTES:
(1) Low duty cycle pulse testing with Kelvin connections required.
(2) Bandwidth of 10 Hz to 10 kHz.
(3) 120 Hz input ripple, (C
ADJ for ADJ = 25µF).
(4) Over Temp. (O.T.) = over specified operating junction temperature range.
Unless otherwise specified, Adj. V
IN = 2.65 to 7V (15.0V for “A” version) and Adj. IO = 10mA to 600mA;
Fixed V
IN = 4.75 to 7V (15.0V for “A” version) and Fixed IO = 0mA to 600mA
Electrical Characteristics (Cont.)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com