Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1202 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC1202
Description  600mA Low Dropout Positive Voltage Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1202 Datasheet(HTML) 4 Page - Semtech Corporation

  SC1202 Datasheet HTML 1Page - Semtech Corporation SC1202 Datasheet HTML 2Page - Semtech Corporation SC1202 Datasheet HTML 3Page - Semtech Corporation SC1202 Datasheet HTML 4Page - Semtech Corporation SC1202 Datasheet HTML 5Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
ã 2000 Semtech Corp.
www.semtech.com
SC1202 &
SC1202A
POWER MANAGEMENT
e
c
i
v
e
D
)
2
()
1
(
V
T
U
O
)
V
(e
g
a
k
c
a
P
R
T
.
X
.
X
-
T
S
C
2
0
2
1
C
S7
.
5
o
t
3
.
13
2
2
-
T
O
S
R
T
.
X
.
X
-
T
S
C
A
2
0
2
1
C
S5
.
3
1
o
t
3
.
1
Notes:
(1) Where X.X denotes voltage options. Available volt-
ages are: 3.3V. Leave blank for adjustable version (see
V
OUT). Contact factory for additional voltage options.
(2) Only available in tape and reel packaging. A reel
contains 2500 devices.
N
I
PN
O
I
T
C
N
U
F
1D
N
G
/
J
D
A
2T
U
O
3N
I
T
U
P
T
U
O
S
I
B
A
T
n
i
P
r
e
b
m
u
N
e
m
a
N
n
i
Pn
o
it
c
n
u
F
n
i
P
1J
D
A
D
N
G
n
a
c
e
s
n
o
p
s
e
r
t
n
e
i
s
n
a
r
T
.
e
c
i
v
e
d
e
h
t
r
o
f
e
g
a
tl
o
v
e
c
n
e
r
e
f
e
r
e
h
t
f
o
e
d
i
s
e
v
it
a
g
e
n
e
h
t
s
i
n
i
p
s
i
h
T
.
d
n
u
o
r
g
o
t
n
i
p
t
s
u
j
d
a
e
h
t
m
o
rf
r
o
ti
c
a
p
a
c
s
s
a
p
y
b
ll
a
m
s
a
g
n
i
d
d
a
y
b
d
e
v
o
r
p
m
i
e
b
e
g
a
tl
o
v
t
u
p
t
u
o
d
e
x
if
r
o
f
n
i
a
h
c
k
c
a
b
d
e
e
f
r
o
t
s
i
s
e
r
l
a
n
r
e
t
n
i
e
h
t
f
o
d
n
e
m
o
tt
o
b
e
h
t
s
i
n
i
p
s
i
h
T
.
d
n
u
o
r
g
o
t
d
e
t
c
e
n
n
o
c
e
b
d
l
u
o
h
s
d
n
a
,
s
tr
a
p
2T
U
O
.
B
A
T
e
h
t
o
t
d
e
t
c
e
n
n
o
c
y
ll
a
c
ir
t
c
e
l
e
s
i
d
n
a
,
e
c
i
v
e
d
e
h
t
f
o
t
u
p
t
u
o
r
e
w
o
p
e
h
t
s
i
s
i
h
T
3N
I.
e
c
i
v
e
d
e
h
t
r
o
f
n
i
p
y
l
p
p
u
s
t
u
p
n
i
e
h
t
s
i
s
i
h
T
z.zz:
Voltage option (example: 2.85). Left blank for
adjustable parts
yyww: Datecode (example: 9812)
xxxx:
Semtech Lot # (example: 80101)
Pin Configuration
Ordering Information
Pin Descriptions
Block Diagram
Marking Information



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com