Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1406TS Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC1406TS
Description  PORTABLE PENTIUM II & III POWER SUPPLY CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1406TS Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC1406TS Datasheet HTML 3Page - Semtech Corporation SC1406TS Datasheet HTML 4Page - Semtech Corporation SC1406TS Datasheet HTML 5Page - Semtech Corporation SC1406TS Datasheet HTML 6Page - Semtech Corporation SC1406TS Datasheet HTML 7Page - Semtech Corporation SC1406TS Datasheet HTML 8Page - Semtech Corporation SC1406TS Datasheet HTML 9Page - Semtech Corporation SC1406TS Datasheet HTML 10Page - Semtech Corporation SC1406TS Datasheet HTML 11Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
SC1406
© 1999 SEMTECH CORP.
652 MITCHELL ROAD
NEWBURY PARK CA 91320
PORTABLE PENTIUM
® II & III
POWER SUPPLY CONTROLLER
PRELIMINARY - August 27, 1999
9
Pentium is a registered trademark of Intel Corporation
In DSPS hysteretic controller configuration
(Cont’d)
The comparator reference voltage positioning is such
that an increasing current sense voltage, VCS, i,e, an
elevating load current, causes the reference voltage to
decrease, and as a consequence, the core output volt-
age also droops. At no load current, there is no droop
while a maximum load, the droop is likewise maxi-
mum.
In order for the core voltage to be positioned around
the nominal V
DAC voltage symmetrically and not just
one way downward from the nominal value, a DSPS
offset voltage, V
DSPSOFFS, can be introduced.
The off-
set voltage moves the comparator reference voltage
upward at no load. At optimal offsetting, the reference
voltage is above the nominal level for load currents
less than half of the maximum load, and below the
nominal value for currents higher than that. The maxi-
mum amount of core voltage positioning can be deter-
mined from the constrain which says the output volt-
age at no load condition must still remain below the
upper threshold of the core voltage regulation window,
and at maximum load, it must be above the lower
threshold.
The offset voltage can be generated across a resistor,
R
OH, which is also used to create the hysteresis volt-
age by forcing a unipolar DSPS offsetting current
through it. The offsetting current is conveniently pro-
vided by a high value resistor, R
OFFSET, connected from
the comparator CMP pin to the ground.
In DSPS hysterestic controller configuration, the com-
parator thresholds can be calculated from the DAC
voltage, V
DAC, the DSPS offsetting voltage, VDSPSOFFS,
the DSPS voltage V
DSPS, and the bipolar hysteresis
voltage, V
HYST by summing them at the comparator in-
puts at the appropriate load current levels:
Core Voltage Offsetting
In order for the core voltage to be positioned around
the nominal V
DAC voltage symmetrically and not just
always one direction downward, a core offset voltage,
V
OFFS can be introduced. The offset voltage moves the
comparator reference voltage upwards. Using optimal
offsetting, the core comparator reference voltage will
be above the VID programmed nominal DAC voltage
for load currents less than half of the maximum load,
and below that for higher current. The maximum
amount of the core voltage positioning can be deter-
mined from the constraint that the output voltage regu-
lation window, and at maximum load, it has to be
above the lower threshold.
The positioning offset voltage can be generated
across the same resistor, ROH also used to create the
hysteresis voltage, by forcing a unipolar offsetting cur-
rent through it. The offsetting current is conveniently
provided by a high value resistor, ROFFS connected
from the comparator CMP pin to the ground.
Current Limit Comparator
The current limit comparator monitors the core con-
verter output current and turns the high side switch off
when the current exceeds the upper current limit
threshold, VHCL and re-enable only if the load current
drops below the lower current limit threshold, VLCL.
The current is sensed by monitoring the voltage drop
across the current sense resistor, R
CS, connected in
series with the core converter main inductor (the same
resistor used for DSPS input signal generation). The
thresholds have the following relationships:
DAC
OFFSET
OH
ROFFSET
ROH
,
VDAC
VCORE
,
VCORE
VCS
OFFSET
OH
CORE
CS
OH
DSPS
OH
DSPSOFFS
V
R
R
R
R
V
V
R
I
R
V
•
≈
+
+
•
=
=
<<
=
<<
•
REF
CLSET
CLOH
HCL
V
R
R
3
V
•
•
=
REF
CLSET
CLOH
LCL
V
R
R
2
V
•
•
=
REF
CLSET
CLOH
HYSCL
V
R
R
V
•
=
Roh
Rdac
Roffset
Rcore
)
Roh
Roffset
(
Rcore
sr
Re
sr
Re
Roh
Rdac
Roffset
Rcore
)
Roh
Roffset
(
Rcore
Vhys
2
:
Vcore
•
−
•
+
•
+
•
•
−
•
+
•
•
•
=
∆
Roh
Rdac
Roffset
Rcore
Rdac
Rcore
(
Roffset
Icore
Rcs
Rcore
)
Roh
Roffset
(
Vdac
:
Vcore
•
−
•
+
•
•
•
−
•
+
•
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com