Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1406TS Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC1406TS
Description  PORTABLE PENTIUM II & III POWER SUPPLY CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1406TS Datasheet(HTML) 3 Page - Semtech Corporation

  SC1406TS Datasheet HTML 1Page - Semtech Corporation SC1406TS Datasheet HTML 2Page - Semtech Corporation SC1406TS Datasheet HTML 3Page - Semtech Corporation SC1406TS Datasheet HTML 4Page - Semtech Corporation SC1406TS Datasheet HTML 5Page - Semtech Corporation SC1406TS Datasheet HTML 6Page - Semtech Corporation SC1406TS Datasheet HTML 7Page - Semtech Corporation SC1406TS Datasheet HTML 8Page - Semtech Corporation SC1406TS Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SC1406
© 1999 SEMTECH CORP.
652 MITCHELL ROAD
NEWBURY PARK CA 91320
PORTABLE PENTIUM
® II & III
POWER SUPPLY CONTROLLER
PRELIMINARY - August 27, 1999
3
Pentium is a registered trademark of Intel Corporation
ELECTRICAL CHARACTERISTICS
Unless specified: 0 < T
A < 100°C; VCC = 3.3V (See Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY, BIAS, UVLO, VDC MONITOR AND POWERGOOD
Supply (VCC, GND)
VCC Supply Voltage
Range
V
CCMAX
3.0
3.3
6.0
V
VCC Quiescent Current
I
CCQ
EN is low, 3.0V < V
CC < 3.6V
10
µA
EN is high and in UVLO
350
VCC Operating Current
I
CC
EN is high
10.0
15
mA
Under Voltage Lock Out Circuit
Threshold
V
HCC
2.95
V
V
LCC
2.7
Hysteresis
V
HYSTCC
20
mV
Enable Input
Input High
Vih
3.0 < V
CC
< 5V
0.7*V
CC
V
Input Low
Vil
0.8
V
Low Battery Monitor
Threshold
V
THDC
1.175
1.225
1.275
V
Input Bias Current
I
BDC
V
LB_IN > VTHDC
±0.3
µA
V
LB_IN < VTHDC
0.6
1.0
10.5
VCORE Power Good Generator
Input Threshold
V
HCORE
V
DAC = 0.9V - 1.675V
1.08*V
CC
1.12*V
CC
V
V
LCORE
0.88*V
CC
0.92*V
CC
V
Output Voltage
V
HPW RGD
(Active Hi)
I
PW RGD = 10µa (source) EN is high
0.95*
V
CC
V
V
LPW RGD
(Active low)
I
PW RGD = 10µA (sink), EN is high
0.4
V
V
PW RGD
I
PW RGD = 10µA (sink), UVLO
0.8
V
V
OUT
During the latency time (50µs) of
any VID code change
Don’t
care
Note 1: Specification refers to application circuit (Figure 1.).
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MAXIMUM
UNITS
VCC Supply Voltage
Vmax
VCC
7V
Low Battery Input
LBIN
7
V
Input & Output Pins
V
CC + 0.3
GND - 0.3
V
Enable
EN
7
V
Operating Junction Temperature
T
J
0 to +125
°C
Lead Temperature (Soldering) 10 seconds
T
L
300
°C
Storage Temperature
T
STG
-65 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com