Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1406TS Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1406TS
Description  PORTABLE PENTIUM II & III POWER SUPPLY CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1406TS Datasheet(HTML) 1 Page - Semtech Corporation

  SC1406TS Datasheet HTML 1Page - Semtech Corporation SC1406TS Datasheet HTML 2Page - Semtech Corporation SC1406TS Datasheet HTML 3Page - Semtech Corporation SC1406TS Datasheet HTML 4Page - Semtech Corporation SC1406TS Datasheet HTML 5Page - Semtech Corporation SC1406TS Datasheet HTML 6Page - Semtech Corporation SC1406TS Datasheet HTML 7Page - Semtech Corporation SC1406TS Datasheet HTML 8Page - Semtech Corporation SC1406TS Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SC1406
© 1999 SEMTECH CORP.
652 MITCHELL ROAD
NEWBURY PARK CA 91320
PORTABLE PENTIUM
® II & III
POWER SUPPLY CONTROLLER
PRELIMINARY - August 27, 1999
1
Pentium is a registered trademark of Intel Corporation
BLOCK DIAGRAM
PIN CONFIGURATION
DESCRIPTION
The SC1406 is a High Speed, High performance Hys-
teretic Mode controller. It is part of a two chip solution,
with the SC1405 Smart Driver, providing power to ad-
vanced micro-processors. It uses a Dynamic Set Point
switching technique along with an ultra-fast compara-
tor to provide the control signal to an external high
speed Mosfet driver. A 5-bit DAC sets the output volt-
age, thus providing a voltage resolution of 25mV.
SC1406 has two on-chip linear regulators which drive
external PNP transistors with output voltage settings
of 1.5V and 2.5Vdc. The linear regulator drivers have
a separate soft start. A PWRGD TTL level signal is
asserted when all voltages are within specifications.
The part features Low Battery Detect and Undervolt-
age Lock-Out for the main Hysteretic controller to as-
sure V-DC is within acceptable limits. An Over-Current
comparator disables the main controller during an
overcurrent condition using an externally pro-
grammable threshold.
FEATURES
• High Speed Hysteretic controller provides high
efficiency over a wide operating load range
• Inherently stable
• Complete power solution with two LDO drivers
• Programmable output voltage for Pentium® II & III
Processors
APPLICATIONS
• Laptop and Notebook computers
• High performance Microprocessor based systems
• High efficiency distributed power supplies
DEVICE
PACKAGE
TEMP. (T
J)
SC1406TS
TSSOP-28
0 - 125°C
ORDERING INFORMATION
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
TSSOP-28
Top View


Similar Part No. - SC1406TS

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1406A SEMTECH-SC1406A Datasheet
175Kb / 17P
PORTABLE PENTIUM II & III POWER SUPPLY CONTROLLER
SC1406ACTS SEMTECH-SC1406ACTS Datasheet
175Kb / 17P
PORTABLE PENTIUM II & III POWER SUPPLY CONTROLLER
SC1406G SEMTECH-SC1406G Datasheet
562Kb / 28P
Power Supply Controller for Portable Pentium II & III SpeedStep Processors
SC1406GCTSTR SEMTECH-SC1406GCTSTR Datasheet
562Kb / 28P
Power Supply Controller for Portable Pentium II & III SpeedStep Processors
More results

Similar Description - SC1406TS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6911B STMICROELECTRONICS-L6911B Datasheet
50Kb / 7P
5 BIT PROGRAMMABLE POWER SUPPLY CONTROLLER FOR PENTIUM II PROCESSOR
Apr-1999
logo
Semtech Corporation
SC1406A SEMTECH-SC1406A Datasheet
175Kb / 17P
PORTABLE PENTIUM II & III POWER SUPPLY CONTROLLER
SC1406G SEMTECH-SC1406G Datasheet
562Kb / 28P
Power Supply Controller for Portable Pentium II & III SpeedStep Processors
logo
Analog Devices
ADP3153 AD-ADP3153 Datasheet
164Kb / 12P
5-Bit Programmable Dual Power Supply Controller for Pentium II Processor
REV.0
ADP3154 AD-ADP3154 Datasheet
187Kb / 12P
5-Bit Programmable Dual Power Supply Controller for Pentium III Processors
REV.A
ADP3155 AD-ADP3155 Datasheet
200Kb / 14P
5-Bit Programmable Triple Power Supply Controller for Pentium III Processors
logo
Integrated Circuit Syst...
ICS9248-134 ICST-ICS9248-134 Datasheet
294Kb / 13P
Frequency Timing Generator for PENTIUM II/III Systems
Rev A 8/22/00
logo
Semtech Corporation
SC1474 SEMTECH-SC1474 Datasheet
121Kb / 1P
Portable Pentium Dual Phase Power Supply Controller
SC1471 SEMTECH-SC1471 Datasheet
49Kb / 1P
Power Supply Controller for Portable Pentium III SpeedStep Processors
logo
International Rectifier
IRNBPS1 IRF-IRNBPS1 Datasheet
445Kb / 4P
Mobile Pentium II Power Supply Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com