Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1406ACTS Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC1406ACTS
Description  PORTABLE PENTIUM II & III POWER SUPPLY CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1406ACTS Datasheet(HTML) 5 Page - Semtech Corporation

  SC1406ACTS Datasheet HTML 1Page - Semtech Corporation SC1406ACTS Datasheet HTML 2Page - Semtech Corporation SC1406ACTS Datasheet HTML 3Page - Semtech Corporation SC1406ACTS Datasheet HTML 4Page - Semtech Corporation SC1406ACTS Datasheet HTML 5Page - Semtech Corporation SC1406ACTS Datasheet HTML 6Page - Semtech Corporation SC1406ACTS Datasheet HTML 7Page - Semtech Corporation SC1406ACTS Datasheet HTML 8Page - Semtech Corporation SC1406ACTS Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
SC1406A
© 2000 SEMTECH CORP.
652 MITCHELL ROAD
NEWBURY PARK CA 91320
PORTABLE PENTIUM
® II & III
POWER SUPPLY CONTROLLER
January 28, 2000
5
Pentium is a registered trademark of Intel Corporation
ELECTRICAL CHARACTERISTICS (CONT.)
Unless specified: -0 < T
A < 100°C; VCC = 3.3V (See test circuit)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
CORE CONVERTER CONTROLLER
Core Converter Soft Start Current
Core Converter Soft Start Current
I
SSCORE
Charge (Source) current
0.6
1
1.45
µA
Discharge (Sink) current
0.30
1
mA
V
SSCORE Soft Start Termination
Threshold
V
SSTERM
1.53
1.70
1.87
V
V
SSCORE Discharge Threshold
V
SSDIS
150
400
mV
VID DAC
VID Input Threshold
V
VID_IH
3.0V < V
CC < 3.6V
0.7*V
CC
V
V
VID_IL
0.8
VID Input-Pull-up Current,VID (0-4)
I
VID
VID (0-4) = 00000...11111
6
40
µA
Output Voltage Accuracy
V
DAC_ERR
I
DAC = 0, VID(0-4) = 00000...11111
-0.85
+0.85
%
Settling Time*
t
pdVID_DAC
C
DAC = 1000pF
VID is set to change VCORE from
1.30V to 1.45V or 1.45V to 1.30V
35
µs
CORE Comparator (CMP, CMPREF, HYS, CO)
Input Bias Current
I
BCMP
V
CMP = VCMPREF = 1.3V
±2
µA
Input Offset Voltage
V
CPM-
VCPMREF
V
CMPREF = 1.3V
±1.5
±3
mV
Hysteresis Setting Current
R
HYS = open
+2
I
CMPREF
R
HYS = 17kΩ
±85
+100 +115
µA
R
HYS = 170kΩ
±7
+10
+13
Output Voltage
V
HCO
CMP<CMPREF
Load Impedance = 100k in
parallel with 10pF, V
CC = 3.0V
2.5
V
V
LCO
CMP>CMPREF
Load Impedance = 100k in
parallel with 10pF, V
CC = 3.6V
0.4
V
Propagation Delay Time**
Measured at device pins, from the
trip point to 50% of CO transition.
T
pd CMP-CO
V
CMPREF = 1.3V ∆ VCMP = +40mV
step with +20mV, overdrive
T
A = 25°C,
T
A = full range
20
30
ns
V
CMPREF = 1.3V ∆ VCMP = 40mV
step with 20mV overdrive,
T
A = 25°C,
T
A = full range
20
30
Output Rise/Fall Times**
Measured between 30% and 70%
points of CO transition
T
R
C
CO = 10pF
V
CC = 3.0V
710
ns
T
F
R
CO = 100K
710



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com