Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1406ACTS Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC1406ACTS
Description  PORTABLE PENTIUM II & III POWER SUPPLY CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1406ACTS Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC1406ACTS Datasheet HTML 7Page - Semtech Corporation SC1406ACTS Datasheet HTML 8Page - Semtech Corporation SC1406ACTS Datasheet HTML 9Page - Semtech Corporation SC1406ACTS Datasheet HTML 10Page - Semtech Corporation SC1406ACTS Datasheet HTML 11Page - Semtech Corporation SC1406ACTS Datasheet HTML 12Page - Semtech Corporation SC1406ACTS Datasheet HTML 13Page - Semtech Corporation SC1406ACTS Datasheet HTML 14Page - Semtech Corporation SC1406ACTS Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
SC1406A
© 2000 SEMTECH CORP.
652 MITCHELL ROAD
NEWBURY PARK CA 91320
PORTABLE PENTIUM
® II & III
POWER SUPPLY CONTROLLER
January 28, 2000
11
Pentium is a registered trademark of Intel Corporation
Core Converter Soft Start Timer
The main purpose of this block is to control the ramp-
up time of the core voltage in order to reduce the ini-
tial inrush current on the core input voltage (battery)
rail. The soft start circuit consists of an internal cur-
rent source, external soft start timing capacitor, inter-
nal switch across the capacitor, and a comparator
monitoring the capacitor voltage.
LINEAR REGULATOR CONTROLLER
1.5V Linear Regulator
This block is a linear regulator controller, which drives
an external PNP bipolar transistor as a pass element.
The linear regulator is capable of delivering 500mA
steady state DC current and should support transient
current of 1A, assuming the output filtering capacitor
is properly selected to provide enough charge for the
duration of the load transient.
2.5V Linear Regulator
This block is a low drop-out (LDO) linear regulator
controller, which drives an external PNP bipolar tran-
sistor as a pass element. The LDO linear regulator is
capable of delivering 100mA steady DC current and
should support transient current of 100mA, assuming
the output filtering capacitor is properly selected to
provide enough charge for the duration of the load
transient.
Linear Regulator Soft Start Timer
A soft start timer circuit of the linear regulators is simi-
lar to that of the core converter, and is used to control
the ramp up time of the linear regulator output volt-
ages. For maximum flexibility in controlling the start
up sequence, the soft start function of the linear regu-
lators is separated from that of the core converter.
VOLTAGE CLAMP
The level translator converts an input voltage swing
on the IO rail, into a voltage swing on the CLK or VCC
rail depending on where the open drain output of the
translator is tied to through an external pull-up resistor.
The level translator has to track the input in phase,
and must be able to switch in 5ns (typical) following an
input threshold intercept.
APPLICATION INFORMATION
Power on/off Sequence
See Application note AN99-12 for further information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com