Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1406ACTS Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC1406ACTS
Description  PORTABLE PENTIUM II & III POWER SUPPLY CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1406ACTS Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC1406ACTS Datasheet HTML 9Page - Semtech Corporation SC1406ACTS Datasheet HTML 10Page - Semtech Corporation SC1406ACTS Datasheet HTML 11Page - Semtech Corporation SC1406ACTS Datasheet HTML 12Page - Semtech Corporation SC1406ACTS Datasheet HTML 13Page - Semtech Corporation SC1406ACTS Datasheet HTML 14Page - Semtech Corporation SC1406ACTS Datasheet HTML 15Page - Semtech Corporation SC1406ACTS Datasheet HTML 16Page - Semtech Corporation SC1406ACTS Datasheet HTML 17Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
SC1406A
© 2000 SEMTECH CORP.
652 MITCHELL ROAD
NEWBURY PARK CA 91320
PORTABLE PENTIUM
® II & III
POWER SUPPLY CONTROLLER
January 28, 2000
16
Pentium is a registered trademark of Intel Corporation
Core Soft Start Current vs Temperature
CLK LDO Load Regulation-Normalized for 100mA
LDOs Drive Currents vs Temperature
Low Battery Monitor Threshold vs Temperature
LDOs Soft Start Current vs Temperature
I/O LDO Load Regulation-Normalized for 1A
0
0.5
1
1.5
2
2.5
0
204060
80
100
Temperature, 'C
DisCharge, mA
Charge, uA
0
0.5
1
1.5
2
2.5
020
40
60
80
100
Temperature, 'C
DisCharge, mA
Charge, uA
0.0
0.5
1.0
1.5
2.0
0
20406080
100
Temperature, 'C
0
10
20
30
40
50
60
70
80
0
2040
6080
100
Temperature 'C
1.5V
2.5V
99.0%
99.5%
100.0%
100.5%
101.0%
0.0
0.5
1.0
1.5
2.0
Current, A
95%
96%
97%
98%
99%
100%
101%
102%
103%
0
50
100
150
200
Current, mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com