Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1461 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC1461
Description  Multi Mode Capless Charge Pump
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1461 Datasheet(HTML) 7 Page - Semtech Corporation

  SC1461 Datasheet HTML 1Page - Semtech Corporation SC1461 Datasheet HTML 2Page - Semtech Corporation SC1461 Datasheet HTML 3Page - Semtech Corporation SC1461 Datasheet HTML 4Page - Semtech Corporation SC1461 Datasheet HTML 5Page - Semtech Corporation SC1461 Datasheet HTML 6Page - Semtech Corporation SC1461 Datasheet HTML 7Page - Semtech Corporation SC1461 Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
 2000 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1461
Iin vs V in ( Iout = 0 mA , T a = 2 5 ° C )
0.000
0.010
0.020
0.030
0.040
0.050
0.060
2.25
2.75
3.25
Vin (V)
1. 5 1 5 M o de
1.32 M od e
Iin vs Vin ( Io ut = 0 mA , T a = -4 0 ° C )
0.000
0.005
0.010
0.015
0.020
0.025
0.030
0.035
0.040
0.045
0.050
2.25
2.75
3.25
Vin (V)
1.515 M o de
1.32 M od e
Iin vs V in (Io ut = 0 mA , T a = 8 5 ° C )
0.000
0.010
0.020
0.030
0.040
0.050
0.060
2.25
2.75
3.25
Vin (V)
1.5 1 5 M o de
1.32 M od e
Typical Iin vs Vin
Iout = 0mA
Ta = 25°C
Typical Iin vs Vin
Iout = 0mA
Ta = -40°C
Typical Iin vs Vin
Iout = 0mA
Ta = 85°C
Typical Characteristics



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com