Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1461 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC1461
Description  Multi Mode Capless Charge Pump
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1461 Datasheet(HTML) 4 Page - Semtech Corporation

  SC1461 Datasheet HTML 1Page - Semtech Corporation SC1461 Datasheet HTML 2Page - Semtech Corporation SC1461 Datasheet HTML 3Page - Semtech Corporation SC1461 Datasheet HTML 4Page - Semtech Corporation SC1461 Datasheet HTML 5Page - Semtech Corporation SC1461 Datasheet HTML 6Page - Semtech Corporation SC1461 Datasheet HTML 7Page - Semtech Corporation SC1461 Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
 2000 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1461
Vout Vs Iout (1.32 Mode, Vin = 2.25V)
2.5 00
2.6 00
2.7 00
2.8 00
2.9 00
3.0 00
3.1 00
3.2 00
0 00.0E+0
2. 0E-3
4. 0E-3
6. 0E-3
8. 0E-3
Iout (A)
+4%
25°C
-40°C
85°C
-4%
Vout Vs Iout (1. 32 Mode, V in = 3.3V)
3.5 00
3.7 00
3.9 00
4.1 00
4.3 00
4.5 00
4.7 00
000. 0E+0
2.0E-3
4.0E-3
6.0E-3
8.0E-3
Iout (A)
+4%
25°C
-40°C
85°C
-4%
Vout Vs Iout (1. 32 Mode, V in = 2 .5V)
2.5 00
2.6 00
2.7 00
2.8 00
2.9 00
3.0 00
3.1 00
3.2 00
3.3 00
3.4 00
3.5 00
000. 0E+0
2.0E-3
4.0E-3
6.0E-3
8.0E-3
Iout (A)
+4%
25°C
-40°C
85°C
-4%
Vo ut Vs Io ut (1 .32 M od e, Vin = 3.6 3V )
3.5 00
3.7 00
3.9 00
4.1 00
4.3 00
4.5 00
4.7 00
4.9 00
5.1 00
0 00.0E+0
2. 0E-3
4. 0E-3
6. 0E-3
8. 0E-3
Io ut (A)
+4%
25°C
-40°C
85°C
-4%
Typical Vout vs Iout
1.32 Mode
Vin = 2.25V
Typical Vout vs Iout
1.32 Mode
Vin = 3.30V
Typical Vout vs Iout
1.32 Mode
Vin = 2.50V
Typical Vout vs Iout
1.32 Mode
Vin = 3.63V
Typical Characteristics



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com