Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1461 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC1461
Description  Multi Mode Capless Charge Pump
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1461 Datasheet(HTML) 2 Page - Semtech Corporation

  SC1461 Datasheet HTML 1Page - Semtech Corporation SC1461 Datasheet HTML 2Page - Semtech Corporation SC1461 Datasheet HTML 3Page - Semtech Corporation SC1461 Datasheet HTML 4Page - Semtech Corporation SC1461 Datasheet HTML 5Page - Semtech Corporation SC1461 Datasheet HTML 6Page - Semtech Corporation SC1461 Datasheet HTML 7Page - Semtech Corporation SC1461 Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
 2000 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1461
Electrical Characteristics
Absolute Maximum Ratings
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sm
u
m
i
x
a
Ms
ti
n
U
e
g
a
tl
o
V
y
l
p
p
u
SV
N
I
4
+
o
t
3
.
0
-V
e
g
a
tl
o
V
t
u
p
t
u
OO
V6
+
o
t
3
.
0
-V
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
θ
A
J
0
1
4W
/
C
°
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
OT
A
5
8
+
o
t
0
4
-C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
TT
J
5
2
1
+
o
t
0
4
-C
°
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
o
t
5
6
-C
°
s
d
n
o
c
e
S
0
1
)
g
n
ir
e
d
l
o
S
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
LT
L
0
0
3C
°
Unless specified: 2.25V ≤ Vin ≤ 3.63V, 0 ≤ Io ≤ 8mA, Cin = 0.22uF, Cout = 47nF, Ta = -40 to 85 °C
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
it
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
ti
n
U
e
g
a
tl
o
V
y
l
p
p
u
S
t
u
p
n
IV
N
I
5
2
.
23
6
.
3V
t
n
e
r
r
u
C
y
l
p
p
u
S
t
u
p
n
II
N
I
,
D
N
G
=
E
L
B
A
S
I
D
,
J
D
A
I
O
V
,
A
m
0
=
N
I
V
3
.
3
=
5
60
0
1A
µ
V
=
E
L
B
A
S
I
D
,
D
N
G
=
J
D
A
N
I
I
O
V
,
A
m
0
=
N
I
V
3
.
3
=
1
.
01
e
g
a
tl
o
V
t
u
p
t
u
OV
O
I
,
D
N
G
=
E
L
B
A
S
I
D
,
J
D
A
O
A
m
44
-N
I
V
X
5
1
5
.
14
%
V
=
J
D
A
N
I
I
,
D
N
G
=
E
L
B
A
S
I
D
,
O
A
m
74
-N
I
V
x
2
3
.
14
)
k
p
-
k
p
(
e
l
p
p
i
R
t
u
p
t
u
O
)
1
(
V
R
V
=
J
D
A
N
I
I
,
D
N
G
=
E
L
B
A
S
I
D
,
O
A
m
70
5V
m
t
n
e
r
r
u
C
t
u
p
t
u
OI
O
V
=
J
D
A
N
I
D
N
G
=
E
L
B
A
S
I
D
,
V
5
.
2
=7
8
A
m
V
,
D
N
G
=
E
L
B
A
S
I
D
,
J
D
A
N
I
V
3
.
3
=4
7
A
m
y
c
n
e
i
c
if
f
E
)
1
(
η
V
=
J
D
A
N
I
D
N
G
=
E
L
B
A
S
I
D
,
V
5
.
2
=
I
O
A
m
7
=
0
5%
y
c
n
e
u
q
e
r
F
r
o
t
a
lli
c
s
O
)
2
(
C
S
OV
=
J
D
A
N
I
D
N
G
=
E
L
B
A
S
I
D
,
V
5
.
2
=2
1z
H
M
V
,
D
N
G
=
E
L
B
A
S
I
D
,
J
D
A
N
I
V
3
.
3
=5
.
3
1
t
a
n
o
it
a
l
u
g
e
R
o
t
e
m
i
T
n
O
-
n
r
u
T
)
1
(
t
N
O
V
=
J
D
A
N
I
D
N
G
=
E
L
B
A
S
I
D
,
V
5
.
2
=
I
O
C
,
A
m
7
=
T
U
O
F
n
7
4
=
5
2s
µ
e
g
a
tl
o
V
d
l
o
h
s
e
r
h
T
e
l
b
a
s
i
DD
I
H
S
I
13
.
1V
D
O
L
S
I
5
.9
.
0V
t
n
e
r
r
u
c
e
l
b
a
s
i
DI
E
L
B
A
S
I
D
V
0
=
e
l
b
a
s
i
D1
0
1A
µ
NOTES:
(1) All electrical characteristics are for the application circuit on page 1.
(2) Guaranteed by design.
(3) This device is ESD sensitive. Use of standard ESD handling precautions is required.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com