Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1462 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC1462
Description  HIGH OUTPUT CURRENT CHARGE PUMP DOUBLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1462 Datasheet(HTML) 8 Page - Semtech Corporation

  SC1462 Datasheet HTML 1Page - Semtech Corporation SC1462 Datasheet HTML 2Page - Semtech Corporation SC1462 Datasheet HTML 3Page - Semtech Corporation SC1462 Datasheet HTML 4Page - Semtech Corporation SC1462 Datasheet HTML 5Page - Semtech Corporation SC1462 Datasheet HTML 6Page - Semtech Corporation SC1462 Datasheet HTML 7Page - Semtech Corporation SC1462 Datasheet HTML 8Page - Semtech Corporation SC1462 Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
SC1462
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
HIGH OUTPUT CURRENT
CHARGE PUMP DOUBLER
October 20, 2000
8
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
T ypical Iin vs Vin @ T a = 25 D eg. C .
000E+0
100E-6
200E-6
300E-6
400E-6
500E-6
600E-6
700E-6
1.0
2.0
3.0
4.0
5.0
6.0
Vin (V)
Io = 0mA
Typical Iin vs Ta @ Io = 0mA
000E+ 0
100E-6
200E-6
300E-6
400E-6
500E-6
600E-6
700E-6
800E-6
900E-6
-40
-20
0
20
40
60
80
T a (Deg. C.)
Vin = 5.5V
Vin = 4.5V
Vin = 3.6V
Vin = 2.5V
Vin = 1.5V
T ypical Dropou t Voltage vs Iou t
@T a = 25 Deg. C.
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
000E+0
20E-3
40E-3
60E-3
80E-3
100E-3
Iou t (A)
Vin = 1.5V
Vin = 2.5V
Vin = 3.6V
Vin = 4.5V
Vin = 5.5V
T ypical D ropou t Voltage vs T a
300E-3
350E-3
400E-3
450E-3
500E-3
550E-3
-40
-20
0
20406080
T a (Deg. C.)
Vin = 2.5V, Iout = 50mA
Vin = 3.6V, Iout = 60mA
T ypical Efficien cy vs Iou t
@T a = 25 Deg. C.
80%
84%
88%
92%
96%
100%
000E+ 0
20E-3
40E-3
60E-3
80E-3
100E-3
Iou t (A)
Vin = 5.5V
Vin = 4.5V
Vin = 3.6V
Vin = 2.5V
Vin = 1.5V
Vout Ripple
50mV/Div.
Vin = 3.6V
Iout = 60mA
Cin = Cout = Cbucket =3.3uF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com