Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1462 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC1462
Description  HIGH OUTPUT CURRENT CHARGE PUMP DOUBLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1462 Datasheet(HTML) 2 Page - Semtech Corporation

  SC1462 Datasheet HTML 1Page - Semtech Corporation SC1462 Datasheet HTML 2Page - Semtech Corporation SC1462 Datasheet HTML 3Page - Semtech Corporation SC1462 Datasheet HTML 4Page - Semtech Corporation SC1462 Datasheet HTML 5Page - Semtech Corporation SC1462 Datasheet HTML 6Page - Semtech Corporation SC1462 Datasheet HTML 7Page - Semtech Corporation SC1462 Datasheet HTML 8Page - Semtech Corporation SC1462 Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SC1462
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
HIGH OUTPUT CURRENT
CHARGE PUMP DOUBLER
October 20, 2000
2
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Maximum
Units
Supply Voltage
VIN
-0.3 to +6.0
V
Output Voltage
VO
-0.3 to +12
V
V
OUT Short Circuit Duration
SC
Indefinite
Thermal Resistance
Junction to Ambient
θ
JA
230
°C/W
Operating Ambient
Temperature Range
T
A
-40 to +85
°C
Junction Temperature Range
T
J
-40 to +125
°C
Storage Temperature Range
T
STG
-65 to +150
°C
Lead Temperature
(Soldering) 10 seconds
T
L
300
°C
ELECTRICAL CHARACTERISTICS
Unless specified: T
A = -40°C to 85°C, SHDN = GND, 1.65V ≤ VIN ≤=5.5V, CIN = COUT = CBUCKET = 3.3µF (ESR = 0.3Ω).
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units
Input Supply Voltage
V
IN
1.65
5.5
V
Input Supply Current
I
IN
I
O = 0, VIN = 2.5V freq = 160kHz
140
260
µA
I
O = 0, VIN = 3.6V freq = 160kHz
200
400
µA
SHDN = V
IN
0.1
1
µA
Output Resistance
(5)
R
out
V
IN = 2.5V
9.5
13.5
Ω
Output Resistance
(5)
R
out
V
IN = 3.6V
7.5
10.5
Ω
Total Switch Resistance
(6)
R
SW
V
IN = 2.5V
3
4.5
Ω
Total Switch Resistance
(6)
R
SW
V
IN = 3.6V
2
3
Ω
Output Current
I
O
V
IN = 2.5V
80
mA
V
IN = 3.6V
80
mA
Oscillator Frequency
OSC
1.65V
≤ V
IN
≤=5.5V
100
160
200
KHz
Short Circuit Current
I
SC
V
out = 0V
200
mA
Output Ripple (pk-pk)
(1)(3)
V
R
I
O = 45mA, VIN = 2.5V
Frequency = 160kHz
75
mV
Power Efficiency
(1)
η
I
O = 45mA,VIN = 2.5V
freq = 160kHz
86
%



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com