Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1462 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC1462
Description  HIGH OUTPUT CURRENT CHARGE PUMP DOUBLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1462 Datasheet(HTML) 3 Page - Semtech Corporation

  SC1462 Datasheet HTML 1Page - Semtech Corporation SC1462 Datasheet HTML 2Page - Semtech Corporation SC1462 Datasheet HTML 3Page - Semtech Corporation SC1462 Datasheet HTML 4Page - Semtech Corporation SC1462 Datasheet HTML 5Page - Semtech Corporation SC1462 Datasheet HTML 6Page - Semtech Corporation SC1462 Datasheet HTML 7Page - Semtech Corporation SC1462 Datasheet HTML 8Page - Semtech Corporation SC1462 Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SC1462
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
HIGH OUTPUT CURRENT
CHARGE PUMP DOUBLER
October 20, 2000
3
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
ELECTRICAL CHARACTERISTICS
Unless specified: T
A = -40°C to 85°C, SHDN = GND, 1.65V ≤ VIN ≤=5.5V, CIN = COUT = CBUCKET = 3.3µF (ESR = 0.3Ω).
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units
Maximum Output Voltage
(3)
V
OUT
I
O = 0mA
2*V
IN
V
Input High Threshold
V
ih
SHDN pin, 2.5
≤ V
IN ≤ 5.5
1.6
V
Input Low Threshold
V
il
SHDN pin, 2.5
≤ V
IN ≤ 5.5
0.4
V
Time to Regulation at
Turn-on
(2)
t
ON
I
O = 0 to 60 mA, VIN = 3.6V
freq = 160kHz
500
µs
Over Temperature
protection
(3)
O.T.
140
°C
Over Temperature
Hysteresis
(3)
O.T.H
20
°C
NOTES:
(1) All electrical characteristics are for the application circuit on page 1.
(2) Soft start functionality is performed along with short circuit protection. If V
OUT is less than VIN - 200mV, then all
switches are turned off and V
OUT is charged with a 200mA current source from VIN. W hen VOUT reaches VIN -
200mV all switches are enabled.
(3) Guaranteed by design.
(4) This device is ESD sensitive. Use of standard ESD handling precautions is required.
(5) The internal switch resistance, the capacitor ESR and the Oscillator’s switching frequency all contribute to
R
out . See the CAPACITOR SELECTION section for information on applying the Rout specification.
(6) The parameter R
sw is equal to the total resistance of all 4 internal switches. See the CAPACITOR SELECTION
section for information on applying the R
sw specification. This parameter was calculated from actual output re-
sistance and the equation on page 7 for R
out .



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com