Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1464CMSTR Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC1464CMSTR
Description  60mA PROGRAMMABLE FIXED FREQUENCY CHARGE PUMP DOUBLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1464CMSTR Datasheet(HTML) 4 Page - Semtech Corporation

  SC1464CMSTR Datasheet HTML 1Page - Semtech Corporation SC1464CMSTR Datasheet HTML 2Page - Semtech Corporation SC1464CMSTR Datasheet HTML 3Page - Semtech Corporation SC1464CMSTR Datasheet HTML 4Page - Semtech Corporation SC1464CMSTR Datasheet HTML 5Page - Semtech Corporation SC1464CMSTR Datasheet HTML 6Page - Semtech Corporation SC1464CMSTR Datasheet HTML 7Page - Semtech Corporation SC1464CMSTR Datasheet HTML 8Page - Semtech Corporation SC1464CMSTR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
60mA PROGRAMMABLE FIXED
FREQUENCY CHARGE PUMP DOUBLER
SC1464
PRELIMINARY - August 11, 2000
4
PIN DESCRIPTION
Pin#
Pin Name
Pin Function
1
TF1
Binary frequency select pins. The frequency is set according to the following table.
2TF2
3
VO
Voltage output
4
EN
Enable. Pull EN low to reduce the current on VIN to less than 1µA.
5
C+
This pin should be connected to the positive terminal of the external charging capacitor.
6
C-
This pin should be connected to the negative terminal of the external charging capacitor.
7
VIN
Supply voltage input.
8
GND
Ground.
TF1
0
1
TF2
0
32kHz
260kHz
18kHz
1MHz
BLOCK DIAGRAM
Thermal
Shut Down
PIN CONFIGURATION
(MSOP-8)
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com