Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1464CMSTR Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC1464CMSTR
Description  60mA PROGRAMMABLE FIXED FREQUENCY CHARGE PUMP DOUBLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1464CMSTR Datasheet(HTML) 3 Page - Semtech Corporation

  SC1464CMSTR Datasheet HTML 1Page - Semtech Corporation SC1464CMSTR Datasheet HTML 2Page - Semtech Corporation SC1464CMSTR Datasheet HTML 3Page - Semtech Corporation SC1464CMSTR Datasheet HTML 4Page - Semtech Corporation SC1464CMSTR Datasheet HTML 5Page - Semtech Corporation SC1464CMSTR Datasheet HTML 6Page - Semtech Corporation SC1464CMSTR Datasheet HTML 7Page - Semtech Corporation SC1464CMSTR Datasheet HTML 8Page - Semtech Corporation SC1464CMSTR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
60mA PROGRAMMABLE FIXED
FREQUENCY CHARGE PUMP DOUBLER
SC1464
PRELIMINARY - August 11, 2000
3
Parameter
Symbol
Test Conditions
MIN
TYP
MAX
Units
Time to Regulation at
Turn-on
(2)(3)
t
ON
I
O = 0 to 60 mA
freq = 260kHz
420
1000
µs
Input High Threshold
V
ih
All input pins
1.3
V
Input Low Threshold
V
il
All input pins
0.4
V
Inrush Current
(3)
I
INRUSH
Upon application of V
IN, Maximum
average current over 10 periods
750
mA
Over Temperature
protection
(3)
O.T.
170
°C
Over Temperature
Hysteresis
(3)
O.T.H
10
°C
ELECTRICAL CHARACTERISTICS
Unless specified, T
A = -40°C to 85°C, EN = VIN, CBucket = 2.2µF(ESR = 0.1τ), CIN , COUT = 3.3µF(ESR = 1τ), VIN = 3V±5%, VOUT = 5.2V to 6.2V.
NOTES:
(1) All electrical characteristics are for the application circuit on page 2.
(2) Soft start functionality is performed along with short circuit protection. If V
OUT is less than VIN - 200mV, then all
switches are turned off and V
OUT is charged with a 70mA current source from VIN. W hen VOUT reaches VIN - 200mV,
then a current limit version of the switches are turned on until V
OUT reaches VIN + a PMOS threshold, at which point
all switches are enabled.
(3) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com