Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1464CMSTR Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC1464CMSTR
Description  60mA PROGRAMMABLE FIXED FREQUENCY CHARGE PUMP DOUBLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1464CMSTR Datasheet(HTML) 5 Page - Semtech Corporation

  SC1464CMSTR Datasheet HTML 1Page - Semtech Corporation SC1464CMSTR Datasheet HTML 2Page - Semtech Corporation SC1464CMSTR Datasheet HTML 3Page - Semtech Corporation SC1464CMSTR Datasheet HTML 4Page - Semtech Corporation SC1464CMSTR Datasheet HTML 5Page - Semtech Corporation SC1464CMSTR Datasheet HTML 6Page - Semtech Corporation SC1464CMSTR Datasheet HTML 7Page - Semtech Corporation SC1464CMSTR Datasheet HTML 8Page - Semtech Corporation SC1464CMSTR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
60mA PROGRAMMABLE FIXED
FREQUENCY CHARGE PUMP DOUBLER
SC1464
PRELIMINARY - August 11, 2000
5
IinvsVin(260kHz)
000.0E+0
20.0E-3
40.0E-3
60.0E-3
80.0E-3
100.0E-3
120.0E-3
140.0E-3
2.45
2.65
2.85
3.05
3.25
3.45
3.65
Vin(V)
20ma
40ma
60ma
IinvsIo(260kHz)
000.0E+0
20.0E-3
40.0E-3
60.0E-3
80.0E-3
100.0E-3
120.0E-3
140.0E-3
1.E-02
2.E-02
3.E-02
4.E-02
5.E-02
6.E-02
7.E-02
Io(A)
Vin=2.5
Vin=3
Vin=3.5
VovsIo(260kHz)
3.000
3.500
4.000
4.500
5.000
5.500
6.000
6.500
7.000
7.500
2.E-02 3.E-02 3.E-02 4.E-02 4.E-02 5.E-02 5.E-02 6.E-02 6.E-02
Io(A)
Vin=2.5
Vin=3.0
Vin=3.5
Eff vsIo(260kHz)
92.00%
92.50%
93.00%
93.50%
94.00%
94.50%
95.00%
95.50%
10.0E-3
20.0E-3
30.0E-3
40.0E-3
50.0E-3
60.0E-3
70.0E-3
Io(A)
Vin=2.5
Vin=3.0
Vin=3.5
Eff vsVin(260kHz)
90.00%
92.00%
94.00%
96.00%
2.50
2.70
2.90
3.10
3.30
3.50
Vin(V)
60ma
Eff vsVo(260kHz)
90.00%
92.00%
94.00%
96.00%
4.50
5.00
5.50
6.00
6.50
7.00
Vo(V)
20ma
40ma
60ma



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com