Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1532 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC1532
Description  400mA SmartLDOTM with Internal Pass MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1532 Datasheet(HTML) 8 Page - Semtech Corporation

  SC1532 Datasheet HTML 1Page - Semtech Corporation SC1532 Datasheet HTML 2Page - Semtech Corporation SC1532 Datasheet HTML 3Page - Semtech Corporation SC1532 Datasheet HTML 4Page - Semtech Corporation SC1532 Datasheet HTML 5Page - Semtech Corporation SC1532 Datasheet HTML 6Page - Semtech Corporation SC1532 Datasheet HTML 7Page - Semtech Corporation SC1532 Datasheet HTML 8Page - Semtech Corporation SC1532 Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
400mA SmartLDO
TM with Internal Pass
MOSFET
SC1532
January 3, 2000
8
APPLICATIONS INFORMATION (Cont.)
Inserting VIN1 = 5.5V, VO = 3.234V, I
O = 400mA,
VIN2 = 3.6V, I
Q1 = 4mA and IQ2 = 2mA yields:
Using this figure, we can calculate the maximum ther-
mal impedance allowable to maintain T
J ≤ 125°C at an
ambient temperature of 55°C:
This is readily achievable using pcb copper area to aid
in conducting the heat away from the device (see Fig-
ure 1 below).
VIN1 Source Impedance
In order to ensure seamless transitions between sup-
plies with VIN1 rising and falling, it is recommended
that the source impedance of VIN1 is less than
0.125
Ω. This is because as the output current
switches from VIN1 to VIN2 and visa-versa, the sup-
plies can “chatter” if:
In general, this can be avoided by minimizing supply
trace lengths and resistances. In circumstances where
the source impedance is causing supply “chattering”,
increasing the value of the VIN1 input capacitor should
solve the problem by reducing the instantaneous drop
or jump in VIN1 as the supplies are switched.
Layout Considerations
While layout for linear devices is generally not as criti-
cal as for a switching application, careful attention to
detail will ensure reliable operation. See Figure 1 below
for a sample layout.
1) Attaching the part (pins 5 to 8) to a larger copper
footprint will enable better heat transfer from the de-
vice, especially on PCBs where there are internal
ground and power planes.
2) Place the input and output capacitors close to the
device for optimal transient response.
() ()
W
/
C
75
936
.
0
55
125
P
T
T
R
)
MAX
(
D
)
MAX
(
A
)
MAX
(
J
)
MAX
)(
A
J
(
TH
°
=
−
=
−
=
−
Fig. 1: Suggested pcb layout based upon Application Circuit on Page 1.
NOTES:
(1) All vias go to ground plane.
(2) Copper area on pins 5 thru 8 is recommended, 0.5” x 0.5” area only is shown. Connect to the ground plane
with a via or vias.
HYST
SOURCE
O
V
R
I
>
•
W
936
.
0
P
)
MAX
(
D
=
Top Copper
Top Silk Screen



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com