Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1532 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC1532
Description  400mA SmartLDOTM with Internal Pass MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1532 Datasheet(HTML) 2 Page - Semtech Corporation

  SC1532 Datasheet HTML 1Page - Semtech Corporation SC1532 Datasheet HTML 2Page - Semtech Corporation SC1532 Datasheet HTML 3Page - Semtech Corporation SC1532 Datasheet HTML 4Page - Semtech Corporation SC1532 Datasheet HTML 5Page - Semtech Corporation SC1532 Datasheet HTML 6Page - Semtech Corporation SC1532 Datasheet HTML 7Page - Semtech Corporation SC1532 Datasheet HTML 8Page - Semtech Corporation SC1532 Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
400mA SmartLDO
TM with Internal Pass
MOSFET
SC1532
January 3, 2000
2
NOTE:
(1) 1 inch square of 1/16” FR-4, double sided, 1 oz. minimum copper weight.
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Maximum
Units
Input Supply Voltages
VIN1, VIN2
-0.5 to +7
V
Charge Pump Capacitor Pin Voltage
CP
-0.5 to +16
V
Output Current
I
O
400
mA
Operating Ambient Temperature Range
T
A
-5 to +70
°C
Operating Junction Temperature Range
T
J
-5 to +125
°C
Storage Temperature Range
T
STG
-65 to +150
°C
Lead Temperature (Soldering) 10 Sec
T
LEAD
300
°C
Thermal Impedance Junction to Ambient
(1)
θ
JA
65
°C/W
ESD Rating (Human Body Model)
ESD
4
kV
ELECTRICAL CHARACTERISTICS
Unless specified, T
A = 25°C, VIN1 = 5V, VIN2 = 3.3V, IO = 400mA, CIN1 = 4.7uF, CIN2 = 4.7uF, CO = 4.7uF, Cp=1nF.
Values in bold apply over full operating temperature range.
Parameter
Symbol
Test Conditions
MIN
TYP MAX Units
VIN1
Supply Voltage
VIN1
VIN2 = 0V
4.3
5.0
5.5
V
Quiescent Current
I
Q1
VIN1 = 5V, 0V
≤ VIN2 ≤ 3.6V, I
O = 0mA
2.0
3.0
mA
4.0
Reverse Leakage From VIN2
(1)
I
VIN1
VIN1 = 0V, VIN2 = 3.6V, I
O = 0mA
0
1
µA
VIN2
Supply Voltage
VIN2
3.0
3.3
3.6
V
Quiescent Current
I
Q2
VIN2 = 3.3V, 0V
≤ VIN1 ≤ 5.5V, I
O = 0mA
650
1300
µA
2000
Reverse Leakage From VIN1
(1)
I
VIN2
VIN1 = 5.5V, VIN2 = 0V, I
O = 0mA
0
1
µA
5V Detect
(1)(2)
Low Threshold Voltage
V
TH(LO)
VIN1 Falling, I
O = 20mA
3.90
4.10
V
Hysteresis
V
HYST
I
O = 20mA
60
80
150
mV
High Threshold Voltage
V
TH(HI)
VIN1 Rising, I
O = 20mA
4.18
4.30
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com