Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1532 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC1532
Description  400mA SmartLDOTM with Internal Pass MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1532 Datasheet(HTML) 4 Page - Semtech Corporation

  SC1532 Datasheet HTML 1Page - Semtech Corporation SC1532 Datasheet HTML 2Page - Semtech Corporation SC1532 Datasheet HTML 3Page - Semtech Corporation SC1532 Datasheet HTML 4Page - Semtech Corporation SC1532 Datasheet HTML 5Page - Semtech Corporation SC1532 Datasheet HTML 6Page - Semtech Corporation SC1532 Datasheet HTML 7Page - Semtech Corporation SC1532 Datasheet HTML 8Page - Semtech Corporation SC1532 Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
400mA SmartLDO
TM with Internal Pass
MOSFET
SC1532
January 3, 2000
4
Top View
(SO-8)
PIN DESCRIPTIONS
Pin
Pin Name
Pin Function
1
VIN2
Secondary input supply, nominally 3.3V.
2
VIN1
Main input supply for the IC, nominally 5V.
3
VO
3.3V out.
4
CP
Charge pump capacitor connection.
5
GND
Ground pin.
6
GND
Ground pin.
7
GND
Ground pin.
8
GND
Ground pin.
PIN CONFIGURATION
BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com