Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1534CSTR Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC1534CSTR
Description  400mA SmartLDOTM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1534CSTR Datasheet(HTML) 4 Page - Semtech Corporation

  SC1534CSTR Datasheet HTML 1Page - Semtech Corporation SC1534CSTR Datasheet HTML 2Page - Semtech Corporation SC1534CSTR Datasheet HTML 3Page - Semtech Corporation SC1534CSTR Datasheet HTML 4Page - Semtech Corporation SC1534CSTR Datasheet HTML 5Page - Semtech Corporation SC1534CSTR Datasheet HTML 6Page - Semtech Corporation SC1534CSTR Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
400mA SmartLDO
TM
SC1534
PRELIMINARY - July 26, 2000
4
ELECTRICAL CHARACTERISTICS
Unless specified, T
A = 25°C, VIN = 5V, VAUX = 3.3V, IO = 400mA, CO = 10µF. Values in bold apply over full operating temperature range.
Parameter
Symbol
Test Conditions
MIN
TYP
MAX Units
Drive Output
Drive Voltage
V
DR
4.35V
≤ VIN ≤ 5.5V, I
DR = 200µA
3.4
VIN - 0.8
V
3.3
VIN < V
TH(LO), IDR = -200µA
35
150
mV
250
Peak Drive Current
I
DR(PK)
Sinking: VIN = 3.9V, V
DR = 1V;
7
mA
Sourcing: VIN = 4.35V, VIN - V
DR = 2.5V
6
Drive High Delay
(1)(4)
t
DH
C
DR = 1.2nF, VIN ramping up, measured
0.5
1.0
µs
from VIN = V
TH(HI) to VDR = 2V
2.0
Drive Low Delay
(1)(4)
t
DL
C
DR = 1.2nF, VIN ramping down, measured
0.5
1.0
µs
from VIN = V
TH(LO) to VDR = 2V
2.0
NOTES:
(1) Guaranteed by design.
(2) See 5V Detect Thresholds on page 5.
(3) Recommended source impedance for 5V supply:
≤ 0.125Ω. This will ensure that I
O x RSOURCE < VHYST, thus
avoiding DR toggling during 5V detect threshold transitions.
(4) See Timing Diagram on page 5.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com